Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16240 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16240 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
9 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
11. Dynamic characteristics
[1]
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
[2]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
Table 8:
Dynamic characteristics
GND = 0 V; Tamb = −40 °C to +85 °C; for test circuit see Figure 6.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V ± 0.2 V [1]
tPLH
propagation delay nAx to nYx
see Figure 4
1.0
2.5
3.7
ns
tPHL
propagation delay nAx to nYx
see Figure 4
1.0
1.9
2.9
ns
tPZH
output enable time to HIGH-level
see Figure 5
1.0
3.3
5.3
ns
tPZL
output enable time to LOW-level
see Figure 5
1.0
2.6
4.2
ns
tPHZ
output disable time from HIGH-level
see Figure 5
1.0
2.5
4.0
ns
tPLZ
output disable time from LOW-level
see Figure 5
1.0
1.8
3.0
ns
VCC = 3.3 V ± 0.3 V [2]
tPLH
propagation delay nAx to nYx
see Figure 4
0.5
1.7
3.0
ns
tPHL
propagation delay nAx to nYx
see Figure 4
0.5
1.7
2.6
ns
tPZH
output enable time to HIGH-level
see Figure 5
1.0
2.5
3.2
ns
tPZL
output enable time to LOW-level
see Figure 5
1.0
1.9
3.1
ns
tPHZ
output disable time from HIGH-level
see Figure 5
1.5
2.8
4.1
ns
tPLZ
output disable time from LOW-level
see Figure 5
1.5
2.3
3.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com