Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16240 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16240 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
6 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
9.
Recommended operating conditions
Table 6:
Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V ± 0.2 V
VCC
supply voltage
2.3
-
2.7
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
1.7
-
-
V
VIL
LOW-level input voltage
-
-
0.7
V
IOH
HIGH-level output current
-
-
−8mA
IOL
LOW-level output current
none
-
-
8
mA
current duty cycle
≤ 50 %;
f
≥ 1 kHz
-
-
24
mA
∆t/∆V
input transition rise or fall rate outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
in free air
−40 -
+85
°C
VCC = 3.3 V ± 0.3 V
VCC
supply voltage
3.0
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
-
-
−32
mA
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %;
f
≥ 1 kHz
-
-
64
mA
∆t/∆V
input transition rise or fall rate outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
in free air
−40 -
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com