Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16240 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 15Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
12 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
13. Package outline
Fig 7.
Package outline SOT370-1 (SSOP48)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LL p
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.4
0.2
2.35
2.20
0.25
0.3
0.2
0.22
0.13
16.00
15.75
7.6
7.4
0.635
1.4
0.25
10.4
10.1
1.0
0.6
1.2
1.0
0.85
0.40
8
0
o
o
0.18
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT370-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
48
25
MO-118
24
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
pin 1 index
0
5
10 mm
scale
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
A
max.
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com