Electronic Components Datasheet Search
  English  ▼

X  

GTL2014 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # GTL2014
Description  4-bit LVTTL to GTL transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2014 Datasheet(HTML) 4 Page - NXP Semiconductors

  GTL2014 Datasheet HTML 1Page - NXP Semiconductors GTL2014 Datasheet HTML 2Page - NXP Semiconductors GTL2014 Datasheet HTML 3Page - NXP Semiconductors GTL2014 Datasheet HTML 4Page - NXP Semiconductors GTL2014 Datasheet HTML 5Page - NXP Semiconductors GTL2014 Datasheet HTML 6Page - NXP Semiconductors GTL2014 Datasheet HTML 7Page - NXP Semiconductors GTL2014 Datasheet HTML 8Page - NXP Semiconductors GTL2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
9397 750 13534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 19 May 2005
4 of 15
Philips Semiconductors
GTL2014
4-bit LVTTL to GTL transceiver
8.
Limiting values
[1]
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated under
Section 9 “Recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
[2]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
[3]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum junction
temperature of this integrated circuit should not exceed 150
°C.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). [1]
Voltages are referenced to GND (ground=0V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
DC supply voltage
−0.5
+4.6
V
IIK
input clamping diode current
VI <0V
-
−50
mA
VI
DC input voltage
A port
−0.5 [2]
+7.0
V
B port
−0.5 [2]
+4.6
V
IOK
output diode clamping current
A port; VO <0V
-
−50
mA
VO
DC output voltage
output in OFF or
HIGH state; A port
−0.5 [2]
+7.0
V
output in OFF or
HIGH state; B port
−0.5 [2]
+4.6
V
IOL
current into any output in
the LOW state
A port
-
32
mA
B port
-
80
mA
IOH
current into any output in
the HIGH state
A port
-
−32
mA
Tstg
storage temperature range
[3]
−60
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com