Electronic Components Datasheet Search
  English  ▼

X  

GTL2014 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2014
Description  4-bit LVTTL to GTL transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2014 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2014 Datasheet HTML 4Page - NXP Semiconductors GTL2014 Datasheet HTML 5Page - NXP Semiconductors GTL2014 Datasheet HTML 6Page - NXP Semiconductors GTL2014 Datasheet HTML 7Page - NXP Semiconductors GTL2014 Datasheet HTML 8Page - NXP Semiconductors GTL2014 Datasheet HTML 9Page - NXP Semiconductors GTL2014 Datasheet HTML 10Page - NXP Semiconductors GTL2014 Datasheet HTML 11Page - NXP Semiconductors GTL2014 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 13534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 19 May 2005
8 of 15
Philips Semiconductors
GTL2014
4-bit LVTTL to GTL transceiver
11.1 Waveforms
VM = 1.5 V at VCC ≥ 3.0 V; VM =VCC/2 at VCC ≤ 2.7 V for A ports and control pins;
VM =Vref for B ports.
VM = 1.5 V for A port and Vref for
B port
B port to A port
a. Pulse duration
b. Propagation delay times
Fig 3.
Voltage waveforms
PRR
≤ 10 MHz; Z
0 =50 Ω; tr ≤ 2.5 ns; tf ≤ 2.5 ns
Fig 4.
Propagation delay, Bn to An
002aab140
3.0 V
0 V
tpulse
VM
VM
002aab141
3.0 V
0 V
VOH
VOL
tPLH
tPHL
Vref
Vref
1.5 V
1.5 V
input
output
002aab142
VTT
1/3VTT
VOH
VOL
tPLH
tPHL
1.5 V
1.5 V
Vref
Vref
input
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com