Electronic Components Datasheet Search
  English  ▼

X  

GTL2014 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2014
Description  4-bit LVTTL to GTL transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2014 Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2014 Datasheet HTML 1Page - NXP Semiconductors GTL2014 Datasheet HTML 2Page - NXP Semiconductors GTL2014 Datasheet HTML 3Page - NXP Semiconductors GTL2014 Datasheet HTML 4Page - NXP Semiconductors GTL2014 Datasheet HTML 5Page - NXP Semiconductors GTL2014 Datasheet HTML 6Page - NXP Semiconductors GTL2014 Datasheet HTML 7Page - NXP Semiconductors GTL2014 Datasheet HTML 8Page - NXP Semiconductors GTL2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
9397 750 13534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 19 May 2005
2 of 15
Philips Semiconductors
GTL2014
4-bit LVTTL to GTL transceiver
4.
Ordering information
Standard packing quantities and other packaging data are available at
www.standardics.philips.com/packaging.
4.1 Ordering options
5.
Functional diagram
Table 2:
Ordering information
Type number
Package
Name
Description
Version
GTL2014PW
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
Table 3:
Ordering options
Type number
Topside mark
Temperature range
GTL2014PW
GTL2014
Tamb = −40 °C to +85 °C
Fig 1.
Logic diagram for GTL2014
002aab139
GTL2014
A0
A1
A2
A3
B0
B1
B2
B3
VREF
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com