Electronic Components Datasheet Search
  English  ▼

X  

GTL2014 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # GTL2014
Description  4-bit LVTTL to GTL transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2014 Datasheet(HTML) 1 Page - NXP Semiconductors

  GTL2014 Datasheet HTML 1Page - NXP Semiconductors GTL2014 Datasheet HTML 2Page - NXP Semiconductors GTL2014 Datasheet HTML 3Page - NXP Semiconductors GTL2014 Datasheet HTML 4Page - NXP Semiconductors GTL2014 Datasheet HTML 5Page - NXP Semiconductors GTL2014 Datasheet HTML 6Page - NXP Semiconductors GTL2014 Datasheet HTML 7Page - NXP Semiconductors GTL2014 Datasheet HTML 8Page - NXP Semiconductors GTL2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The GTL2014 is a 4-bit translating transceiver designed for 3.3 V LVTTL system interface
with a GTL
−/GTL/GTL+ bus.
The direction pin allows the part to function as either a GTL to LVTTL sampling receiver or
as a LVTTL to GTL interface.
The GTL2014 LVTTL inputs (only) are tolerant up to 5.5 V allowing direct access to TTL or
5 V CMOS inputs. The LVTTL outputs are not 5.5 V tolerant.
The GTL2014 GTL inputs and outputs operate up to 3.6 V, allowing the device to be used
in higher voltage open-drain output applications.
2.
Features
s Operates as a 4-bit GTL
−/GTL/GTL+ sampling receiver or as a LVTTL to
GTL
−/GTL/GTL+ driver
s 3.0 V to 3.6 V operation with 5 V tolerant LVTTL input
s GTL input and output 3.6 V tolerant
s Vref adjustable from 0.5 V to VCC/2
s Partial power-down permitted
s ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-CC101
s Latch-up protection exceeds 500 mA per JESD78
s Package offered: TSSOP14
3.
Quick reference data
GTL2014
4-bit LVTTL to GTL transceiver
Rev. 01 — 19 May 2005
Product data sheet
Table 1:
Quick reference data
Tamb =25 °C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPLH
propagation delay; An-to-Bn
CL = 50 pF; VCC = 3.3 V
-
2.8
-
ns
tPHL
-
3.4
-
ns
tPLH
propagation delay; Bn-to-An
CL = 50 pF; VCC = 3.3 V
-
5.2
-
ns
tPHL
-
4.9
-
ns
Ci
input capacitance on pin DIR;
A-to-B or B-to-A
VI = 0 V or VCC
-
2
2.5
pF
Cio
input/output capacitance; A-to-B
outputs disabled;
VI and VO = 0 V or 3.0 V
-
4.6
6.0
pF
input/output capacitance; B-to-A
-
3.4
4.3
pF


Similar Part No. - GTL2014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
GTL2010 NXP-GTL2010 Datasheet
263Kb / 2P
NXP bidirectional low-voltage translators
March 2007
GTL2010 NXP-GTL2010 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - GTL2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
4-Channel LVTTL to GTL Transceiver
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
4-bit LVTTL to GTL transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com