Electronic Components Datasheet Search
  English  ▼

X  

GTL2014 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2014
Description  4-bit LVTTL to GTL transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2014 Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2014 Datasheet HTML 1Page - NXP Semiconductors GTL2014 Datasheet HTML 2Page - NXP Semiconductors GTL2014 Datasheet HTML 3Page - NXP Semiconductors GTL2014 Datasheet HTML 4Page - NXP Semiconductors GTL2014 Datasheet HTML 5Page - NXP Semiconductors GTL2014 Datasheet HTML 6Page - NXP Semiconductors GTL2014 Datasheet HTML 7Page - NXP Semiconductors GTL2014 Datasheet HTML 8Page - NXP Semiconductors GTL2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
9397 750 13534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 19 May 2005
3 of 15
Philips Semiconductors
GTL2014
4-bit LVTTL to GTL transceiver
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Refer to Figure 1 “Logic diagram for GTL2014” on page 2.
7.1 Function table
Fig 2.
Pin configuration for TSSOP14
GTL2014PW
DIR
VCC
B0
A0
B1
A1
VREF
GND
B2
A2
B3
A3
GND
GND
002aab138
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 4:
Pin description
Symbol
Pin
Description
DIR
1
direction control input (LVTTL)
B0
2
data inputs/outputs (GTL)
B1
3
B2
5
B3
6
A0
13
data inputs/outputs (LVTTL)
A1
12
A2
10
A3
9
VREF
4
GTL reference voltage
GND
7, 8, 11
ground (0 V)
VCC
14
positive supply voltage
Table 5:
Function table
H = HIGH voltage level; L = LOW voltage level.
Input
Input/output
DIR
A (LVTTL)
B (GTL)
H
input
Bn = An
L
An = Bn
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com