Electronic Components Datasheet Search
  English  ▼

X  

ED14R126-12AMBTEL Datasheet(PDF) 13 Page - Eorex Corporation

Part # ED14R126-12AMBTEL
Description  ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ED14R126-12AMBTEL Datasheet(HTML) 13 Page - Eorex Corporation

Back Button ED14R126-12AMBTEL Datasheet HTML 9Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 10Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 11Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 12Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 13Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 14Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 15Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 16Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 17Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
8GB, 1Gx72 Module(2Rank of x4) - page3
eorex
ED382R517-2G4SA-H9R
13
www.eorex.com
S0
S1
BA[N:0]
A[N:0]
RAS
CAS
WE
CKE0
CKE1
ODT0
ODT1
CK0
CK0
CK1
CK1
PAR_IN
120 Ω
±5%
1:2
R
E
G
I
S
T
E
R
/
P
L
L
RS0A → CS0: SDRAMs D[3:0], D[12:8], D17
RS0B → CS0: SDRAMs D[7:4], D[16:13]
RS1A → CS: SDRAMs D[21:18], D[30:26], D35
RS1B → CS1: SDRAMs D[25:22], D[34:31]
RBA[N:0]A → BA[N:0]: SDRAMs D[3:0], D[12:8], D[21:17], D[30:26], D35
RBA[N:0]B → BA[N:0]: SDRAMs D[7:4], D[16:13], D[25:22], D[34:31]
RA[N:0]A → A[N:0]: SDRAMs D[3:0], D[12:8], D[21:17], D[30:26], D35
RA[N:0]B → A[N:0]: SDRAMs D[7:4], D[16:13], D[25:22], D[34:31]
RRASA → RAS: SDRAMs D[3:0], D[12:8], D[21:17], D[30:26], D35
RRASB → RAS: SDRAMs D[7:4], D[16:13], D[25:22], D[34:31]
RCASA → CAS: SDRAMs D[3:0], D[12:8], D[21:17], D[30:26], D35
RCASB → CAS: SDRAMs D[7:4], D[16:13], D[25:22], D[34:31]
RWEA → WE: SDRAMs D[3:0], D[12:8], D[21:17], D[30:26], D35
RWEB → WE: SDRAMs D[7:4], D[16:13], D[25:22], D[34:31]
RCKE0A → CKE0: SDRAMs D[3:0], D[12:8], D17
RCKE0B → CKE0: SDRAMs D[7:4], D[16:13]
RCKE1A → CKE1: SDRAMs D[21:18], D[30:26], D35
RCKE1B → CKE1: SDRAMs D[25:22], D[34:31]
RODT0A → ODT0: SDRAMs D[3:0], D[12:8], D17
RODT0B → ODT0: SDRAMs D[7:4], D[16:13]
RODT1A → ODT1: SDRAMs D[21:18], D[30:26], D35
RODT1A → ODT1: SDRAMs D[25:22], D[34:31]
PCK0A → CK: SDRAMs D[3:0], D[12:8], D17
PCK0B → CK: SDRAMs D[7:4], D[16:13]
PCK1A → CK: SDRAMs D[21:18], D[30:26], D35
PCK1B → CK: SDRAMs D[25:22], D[34:31]
PCK0A → CK: SDRAMs D[3:0], D[12:8], D17
PCK0B → CK: SDRAMs D[7:4], D[16:13]
PCK1A → CK: SDRAMs D[21:18], D[30:26], D35
PCK1B → CK: SDRAMs D[25:22], D[34:31]
Err_Out
RESET
RST
RST: SDRAMs D[35:0]
* S[3:2], CK1 and CK1 are NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com