Electronic Components Datasheet Search
  English  ▼

X  

ED14R126-12AMBTEL Datasheet(PDF) 39 Page - Eorex Corporation

Part # ED14R126-12AMBTEL
Description  ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ED14R126-12AMBTEL Datasheet(HTML) 39 Page - Eorex Corporation

Back Button ED14R126-12AMBTEL Datasheet HTML 35Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 36Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 37Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 38Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 39Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 40Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 41Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 42Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 43Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
eorex
ED382R517-2G4SA-H9R
39
www.eorex.com
Table 1 -Timings used for IDD and IDDQ Measurement-Loop Patterns
Symbol
DDR3-1066
DDR3-1333
DDR3-1600
Unit
7-7-7
9-9-9
11-11-11
tCK
1.875
1.5
1.25
ns
CL
7
9
11
nCK
nRCD
7
9
11
nCK
nRC
27
33
39
nCK
nRAS
20
24
28
nCK
nRP
7
9
11
nCK
nFAW
1KB page size
20
20
24
nCK
2KB page size
27
30
32
nCK
nRRD
1KB page size
4
4
5
nCK
2KB page size
6
5
6
nCK
nRFC -512Mb
48
60
72
nCK
nRFC-1 Gb
59
74
88
nCK
nRFC- 2 Gb
86
107
128
nCK
nRFC- 4 Gb
139
174
208
nCK
nRFC- 8 Gb
187
234
280
nCK
Table 2 -Basic IDD and IDDQ Measurement Conditions
Symbol
Description
IDD0
Operating One Bank Active-Precharge Current
CKE: High; External clock: On; tCK, nRC, nRAS, CL: see Table 1; BL: 8a); AL: 0; CS: High between ACT and
PRE; Command, Address, Bank Address Inputs: partially toggling according to Table 3; Data IO: MID-LEVEL;
DM: stable at 0; Bank Activity: Cycling with one bank active at a time: 0,0,1,1,2,2,... (see Table 3); Output Buf-
fer and RTT: Enabled in Mode Registersb); ODT Signal: stable at 0; Pattern Details: see Table 3.
IDD1
Operating One Bank Active-Precharge Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, CL: see Table 1; BL: 8a); AL: 0; CS: High between ACT,
RD and PRE; Command, Address; Bank Address Inputs, Data IO: partially toggling according to Table 4; DM:
stable at 0; Bank Activity: Cycling with on bank active at a time: 0,0,1,1,2,2,... (see Table 4); Output Buffer and
RTT: Enabled in Mode Registersb); ODT Signal: stable at 0; Pattern Details: see Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com