Electronic Components Datasheet Search
  English  ▼

X  

ED14R126-12AMBTEL Datasheet(PDF) 20 Page - Eorex Corporation

Part # ED14R126-12AMBTEL
Description  ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ED14R126-12AMBTEL Datasheet(HTML) 20 Page - Eorex Corporation

Back Button ED14R126-12AMBTEL Datasheet HTML 16Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 17Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 18Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 19Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 20Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 21Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 22Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 23Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 24Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
eorex
ED382R517-2G4SA-H9R
20
www.eorex.com
Differential swing requirements for clock (CK - CK) and strobe (DQS-DQS)
Differential AC and DC Input Levels
Symbol
Parameter
DDR3-800, 1066, 1333, 1600
Unit Notes
Min
Max
VIHdiff
Differential input high
+ 0.200
Note 3
V
1
VILdiff
Differential input logic low
Note 3
- 0.200
V
1
VIHdiff (ac)
Differential input high ac
2 x (VIH (ac) - Vref)
Note 3
V
2
VILdiff (ac)
Differential input low ac
Note 3
2 x (VIL (ac) - Vref)
V
2
Notes:
1. Used to define a differential signal slew-rate.
2. For CK - CK use VIH/VIL (ac) of AADD/CMD and VREFCA; for DQS - DQS, DQSL, DQSL, DQSU, DQSU use VIH/VIL
(ac) of DQs and VREFDQ; if a reduced ac-high or ac-low levels is used for a signal group, then the reduced level
applies also here.
3. These values are not defined; however, the single-ended signals Ck, CK, DQS, DQS, DQSL, DQSL, DQSU, DQSU
need to be within the respective limits (VIH (dc) max, VIL (dc) min) for single-ended signals as well as the limita-
tions for overshoot and undershoot. Refer to "Overshoot and Undershoot Specifications" on page 43.
Allowed time before ringback (tDVAC) for CK - CK and DQS - DQS
Slew Rate [V/ns]
tDVAC [ps]
@ |VIH/Ldiff (ac)| = 350mV
tDVAC [ps]
@ |VIH/Ldiff (ac)| = 300mV
min
max
min
max
> 4.0
75
-
175
-
4.0
57
-
170
-
3.0
50
-
167
-
2.0
38
-
163
1.8
34
-
162
-
1.6
29
-
161
-
1.4
22
-
159
-
1.2
13
-
155
-
1.0
0
-
150
-
< 1.0
0
-
150
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com