Electronic Components Datasheet Search
  English  ▼

X  

ED14R126-12AMBTEL Datasheet(PDF) 16 Page - Eorex Corporation

Part # ED14R126-12AMBTEL
Description  ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ED14R126-12AMBTEL Datasheet(HTML) 16 Page - Eorex Corporation

Back Button ED14R126-12AMBTEL Datasheet HTML 12Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 13Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 14Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 15Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 16Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 17Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 18Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 19Page - Eorex Corporation ED14R126-12AMBTEL Datasheet HTML 20Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
eorex
ED382R517-2G4SA-H9R
16
www.eorex.com
Symbol
Parameter
DDR3-800/1066/1333/1600
Unit
Notes
Min
Max
VIH.CA(DC100)
DC input logic high
Vref + 0.100
VDD
V
1, 5
VIL.CA(DC100)
DC input logic low
VSS
Vref - 0.100
V
1, 6
VIH.CA(AC175)
AC input logic high
Vref + 0.175
Note2
V
1, 2, 7
VIL.CA(AC175)
AC input logic low
Note2
Vref - 0.175
V
1, 2, 8
VIH.CA(AC150)
AC Input logic high
Vref + 0.150
Note2
V
1, 2, 7
VIL.CA(AC150)
AC input logic low
Note2
Vref - 0.150
V
1, 2, 8
VIH.CA(AC135)
AC input logic high
-
-
V
1, 2, 7
VIL.CA(AC135)
AC input logic low
-
-
V
1, 2, 8
VIH.CA(AC125)
AC Input logic high
-
-
V
1, 2, 7
VIL.CA(AC125)
AC input logic low
-
-
V
1, 2, 8
VRefCA(DC)
Reference Voltage for
0.49 * VDD
0.51 * VDD
V
3, 4, 9
AC & DC Input Measurement Levels
AC and DC Logic Input Levels for Single-Ended Signals
AC and DC Input Levels for Single-Ended Command and Address Signals
Single Ended AC and DC Input Levels for Command and ADDress
Notes:
ADD, CMD inputs
1. For input only pins except RESET, Vref = VrefCA (DC).
2. Refer to "Overshoot and Undershoot Specifications" on page 43.
3. The ac peak noise on VRef may not allow VRef to deviate from VRefCA(DC) by more than +/-1% VDD (for
reference: approx. +/- 15 mV).
4. For reference: approx. VDD/2 +/- 15 mV.
5. VIH(dc) is used as a simplified symbol for VIH.CA(DC100)
6. VIL(dc) is used as a simplified symbol for VIL.CA(DC100)
7. VIH(ac) is used as simplified symbol for VIH.CA(AC175), VIH.CA(AC150), VIH.CA(AC135), and
VIH.CA(AC125); VIH.CA(AC175) value is used when Vref + 0.175V is referenced, VIH.CA(AC150) value is
used when Vref + 0.150V is referenced, VIH.CA(AC135) value is used when Vref + 0.135V is referenced,
and VIH.CA(AC125) value is used when Vref + 0.125V is referenced.
8. VIL(ac) is used as simplified symbol for VIL.CA(AC175), VIL.CA(AC150), VIL.CA(AC135), and
VIL.CA(AC125); VIL.CA(AC175) value is used when Vref - 0.175V is referenced, VIL.CA(AC150) value is
used when Vref - 0.150V is referenced, VIL.CA(AC135) value is used when Vref - 0.135V is referenced, and
VIL.CA(AC125) value is used when Vref - 0.125V is referenced.
9. Vref is measured relative to VDD at the same point, time and same device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com