Electronic Components Datasheet Search
  English  ▼

X  

ADS7822EB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7822EB
Description  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7822EB Datasheet(HTML) 5 Page - Texas Instruments

  ADS7822EB Datasheet HTML 1Page - Texas Instruments ADS7822EB Datasheet HTML 2Page - Texas Instruments ADS7822EB Datasheet HTML 3Page - Texas Instruments ADS7822EB Datasheet HTML 4Page - Texas Instruments ADS7822EB Datasheet HTML 5Page - Texas Instruments ADS7822EB Datasheet HTML 6Page - Texas Instruments ADS7822EB Datasheet HTML 7Page - Texas Instruments ADS7822EB Datasheet HTML 8Page - Texas Instruments ADS7822EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADS7822
5
SBAS062A
www.ti.com
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 75kHz, fCLK = 16 • fSAMPLE, unless otherwise specified.
DIFFERENTIAL LINEARITY ERROR vs CODE
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
0
2048
4095
Code
INTEGRAL LINEARITY ERROR vs CODE
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
0
2048
4095
Code
QUIESCENT CURRENT vs V
CC
400
350
300
250
200
150
100
12345
V
CC (V)
MAXIMUM SAMPLE RATE vs V
CC
1000
100
10
1
12345
V
CC (V)
SUPPLY CURRENT vs TEMPERATURE
350
300
250
200
150
100
50
–50
–25
0
25
50
75
100
Temperature (
°C)
POWER DOWN SUPPLY CURRENT
vs TEMPERATURE
120
100
80
60
40
20
0
–50
–25
0
25
50
75
100
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com