Electronic Components Datasheet Search
  English  ▼

X  

ADS7822EB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7822EB
Description  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7822EB Datasheet(HTML) 1 Page - Texas Instruments

  ADS7822EB Datasheet HTML 1Page - Texas Instruments ADS7822EB Datasheet HTML 2Page - Texas Instruments ADS7822EB Datasheet HTML 3Page - Texas Instruments ADS7822EB Datasheet HTML 4Page - Texas Instruments ADS7822EB Datasheet HTML 5Page - Texas Instruments ADS7822EB Datasheet HTML 6Page - Texas Instruments ADS7822EB Datasheet HTML 7Page - Texas Instruments ADS7822EB Datasheet HTML 8Page - Texas Instruments ADS7822EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADS7822
DESCRIPTION
The ADS7822 is a 12-bit sampling analog-to-digital (A/D)
converter with ensured specifications over a 2.7V to 5.25V
supply range. It requires very little power even when oper-
ating at the full 75kHz rate. At lower conversion rates, the
high speed of the device enables it to spend most of its time
in the power-down mode—the power dissipation is less than
60
µW at 7.5kHz.
The ADS7822 also features operation from 2.0V to 5V, a
synchronous serial interface, and a pseudo-differential input.
The reference voltage can be set to any level within the
range of 50mV to VCC.
Ultra low power and small size make the ADS7822 ideal for
battery-operated systems. It is also a perfect fit for remote
data acquisition modules, simultaneous multi-channel sys-
tems, and isolated data acquisition. The ADS7822 is avail-
able in a plastic mini-DIP-8, an SOIC-8, or an MSOP-8
package.
12-Bit, High-Speed, 2.7V
microPower Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 75kHz SAMPLING RATE
q MICRO POWER:
0.54mW at 75kHz
0.06mW at 7.5kHz
q POWER DOWN: 3
µA max
q MINI-DIP-8, SOIC-8, AND MSOP-8
q PSEUDO-DIFFERENTIAL INPUT
q SERIAL INTERFACE
SAR
Control
Serial
Interface
D
OUT
Comparator
S/H Amp
CS/SHDN
DCLOCK
+In
V
REF
–In
CDAC
APPLICATIONS
q BATTERY-OPERATED SYSTEMS
q REMOTE DATA ACQUISITION
q ISOLATED DATA ACQUISITION
q SIMULTANEOUS SAMPLING,
MULTI-CHANNEL SYSTEMS
OPA658
ADS7
822
ADS7
822
SBAS062A – JANUARY 1996 – REVISED MARCH 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS7822EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7822EB TI2-ADS7822EB Datasheet
961Kb / 31P
12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED AUGUST 2007
ADS7822EB/250 TI1-ADS7822EB/250 Datasheet
1Mb / 28P
ANALOG-TO-DIGITAL CONVERTER
ADS7822EB/250 TI2-ADS7822EB/250 Datasheet
961Kb / 31P
12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED AUGUST 2007
ADS7822EB/250.B TI2-ADS7822EB/250.B Datasheet
961Kb / 31P
12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED AUGUST 2007
ADS7822EB/250G4 TI1-ADS7822EB/250G4 Datasheet
1Mb / 28P
ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7822EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com