Electronic Components Datasheet Search
  English  ▼

X  

ADS7822EB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS7822EB
Description  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7822EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7822EB Datasheet HTML 5Page - Texas Instruments ADS7822EB Datasheet HTML 6Page - Texas Instruments ADS7822EB Datasheet HTML 7Page - Texas Instruments ADS7822EB Datasheet HTML 8Page - Texas Instruments ADS7822EB Datasheet HTML 9Page - Texas Instruments ADS7822EB Datasheet HTML 10Page - Texas Instruments ADS7822EB Datasheet HTML 11Page - Texas Instruments ADS7822EB Datasheet HTML 12Page - Texas Instruments ADS7822EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADS7822
9
SBAS062A
www.ti.com
THEORY OF OPERATION
The ADS7822 is a classic successive approximation register
(SAR) analog-to-digital (A/D) converter. The architecture is
based on capacitive redistribution which inherently includes
a sample/hold function. The converter is fabricated on a 0.6
µ
CMOS process. The architecture and process allow the
ADS7822 to acquire and convert an analog signal at up to
75,000 conversions per second while consuming very little
power.
The ADS7822 requires an external reference, an external
clock, and a single power source (VCC). The external refer-
ence can be any voltage between 50mV and VCC. The value
of the reference voltage directly sets the range of the analog
input. The reference input current depends on the conversion
rate of the ADS7822.
The external clock can vary between 10kHz (625Hz through-
put) and 1.2MHz (75kHz throughput). The duty cycle of the
clock is essentially unimportant as long as the minimum high
and low times are at least 400ns (VCC = 2.7V or greater).
The minimum clock frequency is set by the leakage on the
capacitors internal to the ADS7822.
The analog input is provided to two input pins: +In and –In.
When a conversion is initiated, the differential input on these
pins is sampled on the internal capacitor array. While a
conversion is in progress, both inputs are disconnected from
any internal function.
The digital result of the conversion is clocked out by the
DCLOCK input and is provided serially, most significant bit
first, on the DOUT pin. The digital data that is provided on the
DOUT pin is for the conversion currently in progress—there
is no pipeline delay. It is possible to continue to clock the
ADS7822 after the conversion is complete and to obtain the
serial data least significant bit first. See the digital timing
section for more information.
ANALOG INPUT
The +In and –In input pins allow for a pseudo-differential
input signal. Unlike some converters of this type, the –In
input is not re-sampled later in the conversion cycle. When
the converter goes into the hold mode, the voltage difference
between +In and –In is captured on the internal capacitor
array.
The range of the –In input is limited to –0.2V to +1V.
Because of this, the differential input can be used to reject
only small signals that are common to both inputs. Thus, the
–In input is best used to sense a remote signal ground that
may move slightly with respect to the local ground potential.
The input current on the analog inputs depends on a number
of factors: sample rate, input voltage, source impedance, and
power-down mode. Essentially, the current into the ADS7822
charges the internal capacitor array during the sample period.
After this capacitance has been fully charged, there is no
further input current. The source of the analog input voltage
must be able to charge the input capacitance (25pF) to a
12-bit settling level within 1.5 clock cycles. When the
converter goes into the hold mode or while it is in the power
down mode, the input impedance is greater than 1G
Ω.
Care must be taken regarding the absolute analog input
voltage. To maintain the linearity of the converter, the –In
input should not drop below GND – 200mV or exceed
GND + 1V. The +In input should always remain within the
range of GND – 200mV to VCC + 200mV. Outside of these
ranges, the converter’s linearity may not meet specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com