Electronic Components Datasheet Search
  English  ▼

X  

ADS7822EB Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS7822EB
Description  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7822EB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7822EB Datasheet HTML 10Page - Texas Instruments ADS7822EB Datasheet HTML 11Page - Texas Instruments ADS7822EB Datasheet HTML 12Page - Texas Instruments ADS7822EB Datasheet HTML 13Page - Texas Instruments ADS7822EB Datasheet HTML 14Page - Texas Instruments ADS7822EB Datasheet HTML 15Page - Texas Instruments ADS7822EB Datasheet HTML 16Page - Texas Instruments ADS7822EB Datasheet HTML 17Page - Texas Instruments ADS7822EB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADS7822
14
SBAS062A
www.ti.com
FIGURE 6. Thermocouple Application Using a MUX to Scale the Input Range of the ADS7822.
ADS7822
µP
DCLOCK
D
OUT
CS/SHDN
A
0
A
1
U
3
U
4
U
1
U
2
Thermocouple
ISO Thermal Block
MUX
OPA237
0.3V
0.4V
0.2V
0.1V
+3V
R
2
59k
Ω
R
4
1k
Ω
R
3
500k
Ω
R
5
500
Ω
R
7
5
Ω
C
3
0.1
µF
C
4
10
µF
C
5
0.1
µF
R
6
1M
Ω
R
1
150k
Ω
D
1
TC
2
TC
1
TC
3
+3V
C
2
0.1
µF
C
1
10
µF
+3V
R
8
26k
Ω
R
9
1k
Ω
R
10
1k
Ω
R
11
1k
Ω
R
12
1k
Ω
V
REF
3-Wire
Interface
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5
Ω
1
µF to
10
µF
1
µF to
10
µF
0.1
µF
Microcontroller
+2.7V to +3.6V
FIGURE 7. Basic Data Acquisition System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com