Electronic Components Datasheet Search
  English  ▼

X  

FN-9280 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN-9280
Description  Ultra Compact and Versatile Filtered Power Entry Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9280 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN-9280 Datasheet HTML 1Page - Schaffner International Ltd FN-9280 Datasheet HTML 2Page - Schaffner International Ltd FN-9280 Datasheet HTML 3Page - Schaffner International Ltd FN-9280 Datasheet HTML 4Page - Schaffner International Ltd FN-9280 Datasheet HTML 5Page - Schaffner International Ltd FN-9280 Datasheet HTML 6Page - Schaffner International Ltd FN-9280 Datasheet HTML 7Page - Schaffner International Ltd FN-9280 Datasheet HTML 8Page - Schaffner International Ltd FN-9280 Datasheet HTML 9Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
13 Jan 2020
Product selector
All FN 9280/FN 9290 are equipped with a dual fuse holder with a spare fuse holder.
Note: All FN 9280/FN 9280 B/FN 9289/FN 9289 B/FN 9290/FN 9290 B/FN 9299/FN 9299 B are stock types from our distribution partners.
Order Examples:
FN 9280 B-6-100: Medical version of single stage, dual fuse EMC/EMI filter, flange set for vertical/horizontal/front/rear mounting, 6 A, spring cage terminals, from stock
available.
FN 9298-6-06-30: Dual stage, dual fuse EMC/EMI filter, snap-in version, snappers for snap-in panel thickness range >2.5 to 3.5 mm, snapper on vertical side, 6 A, fast-on
terminals, non-stock order type
Accessories: The 4D flanges can be ordered separately. The order number is 427532. Please note that the minimum order quantity is one box of 50 pieces. One item
includes both type of flanges (vertical and horizontal).
Standard type filters*
B-type filters* (without Cy)
E-type filters* (with earth line choke)
EB-type filters* (with earth line choke and without Cy)
* Fuses are not included



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com