Electronic Components Datasheet Search
  English  ▼

X  

FN-9280 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN-9280
Description  Ultra Compact and Versatile Filtered Power Entry Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9280 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN-9280 Datasheet HTML 1Page - Schaffner International Ltd FN-9280 Datasheet HTML 2Page - Schaffner International Ltd FN-9280 Datasheet HTML 3Page - Schaffner International Ltd FN-9280 Datasheet HTML 4Page - Schaffner International Ltd FN-9280 Datasheet HTML 5Page - Schaffner International Ltd FN-9280 Datasheet HTML 6Page - Schaffner International Ltd FN-9280 Datasheet HTML 7Page - Schaffner International Ltd FN-9280 Datasheet HTML 8Page - Schaffner International Ltd FN-9280 Datasheet HTML 9Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
EMC/EMI Products
Schaffner Group
Datasheets
13 Jan 2020
Typical filter attenuation
FN 9280 Series | Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
1 A types
2 A types
4 – 6 A types
10 A types
FN 9280 B Series | Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
1 A types
2 A types
4 – 6 A types
10 A types
FN 9280 E Series | Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
1 A types
2 A types
4 – 6 A types
10 A types
FN 9280 EB Series | Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
1 A types
2 A types
4 – 6 A types
10 A types



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com