Electronic Components Datasheet Search
  English  ▼

X  

FN-9280 Datasheet(PDF) 8 Page - Schaffner International Ltd

Part # FN-9280
Description  Ultra Compact and Versatile Filtered Power Entry Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9280 Datasheet(HTML) 8 Page - Schaffner International Ltd

  FN-9280 Datasheet HTML 1Page - Schaffner International Ltd FN-9280 Datasheet HTML 2Page - Schaffner International Ltd FN-9280 Datasheet HTML 3Page - Schaffner International Ltd FN-9280 Datasheet HTML 4Page - Schaffner International Ltd FN-9280 Datasheet HTML 5Page - Schaffner International Ltd FN-9280 Datasheet HTML 6Page - Schaffner International Ltd FN-9280 Datasheet HTML 7Page - Schaffner International Ltd FN-9280 Datasheet HTML 8Page - Schaffner International Ltd FN-9280 Datasheet HTML 9Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
EMC/EMI Products
Schaffner Group
Datasheets
13 Jan 2020
Accessories for IEC Inlet Filters and Power Entry Modules
The accessories displayed are a selection of available accessories for IEC Inlet filters and IEC Power entry modules. As they are displayed in a general way there might
be variants of the filters where the accessories are not available.
For further information please ask your local Schaffner Sales Partner and visit our homepage https://www.schaffner.com/.
PPoow
wer Cor
er Cord with L
d with Lock
ocking
ing
Syst
System f
em for I
or Inlet F
nlet Filt
ilters IL 13, IL
ers IL 13, IL
13 P
13 P, IL 19
, IL 19
Link to Datasheet: Datasheet IEC C13/
C19 locking cable
The locking system has a tensile force
of typical 200N.
It is recommended to use it with
flange mount filters.
Lock Power Cords with IEC Inlets and
Filters"
Schaffner power cords with IEC lock
guard against
accidental disconnection of all
electrical appliances
with an IEC inlet. No exchange or
modification of the
IEC inlet or IEC inlet filter system is
needed. Easy
retrofit for all electronic equipments
and devices.
IEC C13 R
IEC C13 Reewir
wireable Connec
eable Connecttor
or
ffor individual P
or individual Poow
wer Cor
er Cord with
d with
LLock
ocking Syst
ing System
em
Link to Datasheet: Datasheet IEC C13
rewireable
The locking system has a tensile force
of typical 300N. It is recommended to
use it with flange mount filters. For
details refer to our Application Note
"Using IEC Lock Power Cords with IEC
Inlets and Filters" Schaffner power
connector with IEC lock guard against
accidental disconnection of all
electrical appliances with an IEC inlet.
No exchange or modification of the
IEC inlet or IEC inlet filter system is
needed. Easy retrofit for all electronic
equipments and devices.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com