Electronic Components Datasheet Search
  English  ▼

X  

FN-9280 Datasheet(PDF) 7 Page - Schaffner International Ltd

Part # FN-9280
Description  Ultra Compact and Versatile Filtered Power Entry Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9280 Datasheet(HTML) 7 Page - Schaffner International Ltd

  FN-9280 Datasheet HTML 1Page - Schaffner International Ltd FN-9280 Datasheet HTML 2Page - Schaffner International Ltd FN-9280 Datasheet HTML 3Page - Schaffner International Ltd FN-9280 Datasheet HTML 4Page - Schaffner International Ltd FN-9280 Datasheet HTML 5Page - Schaffner International Ltd FN-9280 Datasheet HTML 6Page - Schaffner International Ltd FN-9280 Datasheet HTML 7Page - Schaffner International Ltd FN-9280 Datasheet HTML 8Page - Schaffner International Ltd FN-9280 Datasheet HTML 9Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
EMC/EMI Products
Schaffner Group
Datasheets
13 Jan 2020
Assembly Instructions
Terminal -100
clamping range, solid wire / flex wire
0,20 mm² –1,5 mm², AWG24 –AWG16
operating force of slider
max. 40 N
recommended stripped length
8 mm
Push the knob above the
terminal to insert the wire.
Removal of the combined switch / fuse holder unit
An additional fuse mark on the switch indicates the fuses holders behind the
switch. The red frame shows the outline of the removable unit.
With a simple tool like a Swiss Army knife or a screwdriver No 1 or smaller the
unit (1) can be removed from the filter. On the topside (2) behind the switch
there are two fuse holders for each live connection. On the bottom side (3) is
a clip to carry an additional spare fuse.
Please visit www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com