Electronic Components Datasheet Search
  English  ▼

X  

FN-9280 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-9280
Description  Ultra Compact and Versatile Filtered Power Entry Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9280 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-9280 Datasheet HTML 1Page - Schaffner International Ltd FN-9280 Datasheet HTML 2Page - Schaffner International Ltd FN-9280 Datasheet HTML 3Page - Schaffner International Ltd FN-9280 Datasheet HTML 4Page - Schaffner International Ltd FN-9280 Datasheet HTML 5Page - Schaffner International Ltd FN-9280 Datasheet HTML 6Page - Schaffner International Ltd FN-9280 Datasheet HTML 7Page - Schaffner International Ltd FN-9280 Datasheet HTML 8Page - Schaffner International Ltd FN-9280 Datasheet HTML 9Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
IEC Inlet Filters FN 9280
Ultra Compact and Versatile Filtered Power Entry Module
Single stage filter
Ultra compact design
Rated currents up to 10 A
dual-fuse holder
Fuses Ø5x20 mm
2-pole rocker switch
Good attenuation performance
Faston or spring cage terminals
Check the video of our IEC Inlet
Filters FN 9280 and FN 9290 on
Youtube!
Performance indicators
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Rated currents
1 to 10 A @ 40°C max.
Operating frequency
DC to 400 Hz
Leakage current
Standard: <500 uA at 250 VAC/50 Hz
Medical: <5 uA at 250 VAC/50 Hz
High potential test voltage
P –> PE 2000 VAC for 2 sec (standard types)
P –> PE 2500 VAC for 2 sec (B types)
P –> N 760 VAC for 2 sec
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, EN 60939, EN 60950, EN
60601-1, UL 544, EN 60320
Flammability corresponding to
UL 94 V-2 or better
Temperature range (operation and storage)
– 25°C to +85°C (25/85/21)
Protection category
IP 40 according to IEC 60529 (front side)
Terminals
IP 20 spring cage safe against finger touch
Spring cage wire range
0.2 –1.5 mm2 / 24 –16 AWG single or flexible wire
MTBF @ 40°C/230 V (Mil-HB-217F)
>1,000,000 hours
Switch ratings
Rocker switch
2-pole, dark not illuminated, Marking I - 0
USA (UL) and Canada (C-UL)
10 A, 125 VAC; 10 A, 250 VAC; 1/3 HP
Europe (ENEC)
10 A (4 A), 250 VAC**
Mechanical life
50,000 cycles
Electrical specifications
Inrush current 82 A
6,000 on-off operations according to UL 1054
10,000 on-off operations according to ENEC
Fuse holder
2 fuses (Ø5 x 20 mm) max. 250 V (certified to IEC
60127-6)
Power acceptance @ amb. temperature
* 10 A version is 8 A UL and CSA approved
** Value in () relates to the inductive current charge: cos γ = 0.65
Approvals
(CQC except HI-types; Patent US 20110227692/US
8766761; CN ZL201080069589.0)
Choosing FN 9280/90 product line brings you the
rapid availability of a standard filter associated with
the necessary safety acceptances and a high
attenuation performance. For higher attenuation
performance the FN 9290 family with a dual stage
filter and identical panel cut-out can be used.
Standard IEC connector filters are a practical solution
to pass EMI system approval in a short time. A wide
selection of amperage ratings, mounting possibilities
and also filters for medical applications are designed
to offer you the best solution.
Features and benefits
Good conducted attenuation performance, based
on chokes with high saturation resistance and
excellent thermal behavior
Deep-drawn iron-sheet housing for best possible
shielding against magnetic fields
Rear/front flange mounting or snap-in versions
Dual and additional spare fuse holder
2-pole rocker switch
Faston or spring cage terminals
FN 928X B versions comply with the requirements
of 1MOP acc. to IEC/EN 60601-1
All versions according IEC/EN 62368-1
Typical applications
Portable electrical and electronic equipment
Consumer goods
EDP and office equipment
Single-phase and switch-mode power supplies
Test and measurement equipment
Medical electrical devices (MD) and
In-Vitro-
Diagnostics (IVD) equipment
Audio/Video, information and communication
technologies
Typical electrical schematic


Similar Part No. - FN-9280

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-9222-E SCHAFFNER-FN-9222-E Datasheet
927Kb / 6P
General Performance EMC/EMI Filter with Earth Line Choke
FN-9226 SCHAFFNER-FN-9226 Datasheet
1Mb / 4P
HF Performance EMC/EMI Filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
FN-9233-E SCHAFFNER-FN-9233-E Datasheet
500Kb / 7P
High Performance EMC/EMI Filter with Earth Line Choke
FN-9244 SCHAFFNER-FN-9244 Datasheet
3Mb / 6P
Excellent Performance EMC/EMI Filter
More results

Similar Description - FN-9280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA101 MACOM-PA101 Datasheet
849Kb / 9P
Versatile Power Entry Module with Small Footprint
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
Compact Filtered Power Entry Module
FN393-6-05-11 ETC2-FN393-6-05-11 Datasheet
466Kb / 3P
Versatile fi ltered power entry module
HLK-PM01 ETC2-HLK-PM01 Datasheet
433Kb / 3P
Ultra-compact power module
HLK-PM03 ETC1-HLK-PM03 Datasheet
172Kb / 4P
Ultra-compact module power
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
Compact filtered power entry module
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
Ultra Compact and Versatile Filtered Power Entry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com