Electronic Components Datasheet Search
  English  ▼

X  

RA2A1 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 28Page - Renesas Technology Corp RA2A1 Datasheet HTML 29Page - Renesas Technology Corp RA2A1 Datasheet HTML 30Page - Renesas Technology Corp RA2A1 Datasheet HTML 31Page - Renesas Technology Corp RA2A1 Datasheet HTML 32Page - Renesas Technology Corp RA2A1 Datasheet HTML 33Page - Renesas Technology Corp RA2A1 Datasheet HTML 34Page - Renesas Technology Corp RA2A1 Datasheet HTML 35Page - Renesas Technology Corp RA2A1 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 32 of 100
Mar 16, 2020
RA2A1 Datasheet
2. Electrical Characteristics
2.2.7
Output Characteristics for P407, P408 and P409 I/O Pins (Middle Drive
Capacity)
Figure 2.12
VOH/VOL and IOH/IOL voltage characteristics at Ta = 25°C when middle drive output is selected
(reference data)
Figure 2.13
VOH/VOL and IOH/IOL temperature characteristics at VCC = 2.7 V when middle drive output is
selected (reference data)
03
4
6
15
2
VCC = 2.7 V
VCC = 3.3 V
VCC = 5.5 V
VOH/VOL [V]
IOH/IOL vs VOH/VOL
VCC = 5.5 V
VCC = 3.3 V
VCC = 2.7 V
200
180
160
140
120
100
80
60
40
20
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-200
00.5
2.53
11.5
2
-60
-20
0
20
60
Ta = 105
C
Ta = 25
C
Ta = -40
C
Ta = 105
C
Ta = 25
C
Ta = -40
C
VOH/VOL [V]
IOH/IOL vs VOH/VOL
40
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com