Electronic Components Datasheet Search
  English  ▼

X  

RA2A1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 6Page - Renesas Technology Corp RA2A1 Datasheet HTML 7Page - Renesas Technology Corp RA2A1 Datasheet HTML 8Page - Renesas Technology Corp RA2A1 Datasheet HTML 9Page - Renesas Technology Corp RA2A1 Datasheet HTML 10Page - Renesas Technology Corp RA2A1 Datasheet HTML 11Page - Renesas Technology Corp RA2A1 Datasheet HTML 12Page - Renesas Technology Corp RA2A1 Datasheet HTML 13Page - Renesas Technology Corp RA2A1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 10 of 100
Mar 16, 2020
RA2A1 Datasheet
1. Overview
1.4
Function Comparison
Note 1. The number of channels of the differential analog input.
Note 2. Pin output function of DA8_1 cannot be used.
Note 3. Pin output function of DA8_0 and DA8_1 cannot be used.
Table 1.13
Function comparison
Part numbers
R7FA2A1AB3CFM
R7FA2A1AB3CNE
R7FA2A1AB3CNF
R7FA2A1AB2CBT
R7FA2A1AB3CFJ
Pin count
64
48
40
36
32
Package
LQFP
QFN
QFN
BGA
LQFP
Code flash memory
256 KB
Data flash memory
8 KB
SRAM
32 KB
Parity
16 KB
ECC
16 KB
System
CPU clock
48 MHz
Sub-clock
oscillator
Yes
No
ICU
Yes
KINT
8
6
443
Event control
ELC
Yes
DMA
DTC
Yes
Timers
GPT32
1
GPT16
6
6
434
AGT
2
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
3
IIC
2
SPI
2
1
2
CAN
Yes
USBFS
Yes
No
Analog
ADC16
17 (4*1)12 (3*1)8 (1*1)5 (1*1)5 (1*1)
SDADC24
8 (4*1)6 (3*1)4 (2*1)2 (1*1)2 (1*1)
DAC12
1
DAC8
2
2*2
2*3
ACMPHS
1
ACMPLP
2
OPAMP
3
2
111
TSN
Yes
HMI
CTSU
26
16
11
9
11
Data processing
CRC
Yes
DOC
Yes
Security
AES and TRNG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com