Electronic Components Datasheet Search
  English  ▼

X  

RA2A1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 2Page - Renesas Technology Corp RA2A1 Datasheet HTML 3Page - Renesas Technology Corp RA2A1 Datasheet HTML 4Page - Renesas Technology Corp RA2A1 Datasheet HTML 5Page - Renesas Technology Corp RA2A1 Datasheet HTML 6Page - Renesas Technology Corp RA2A1 Datasheet HTML 7Page - Renesas Technology Corp RA2A1 Datasheet HTML 8Page - Renesas Technology Corp RA2A1 Datasheet HTML 9Page - Renesas Technology Corp RA2A1 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 6 of 100
Mar 16, 2020
RA2A1 Datasheet
1. Overview
Controller Area Network (CAN)
module
The Controller Area Network (CAN) module provides functionality to receive and transmit data
using a message-based protocol between multiple slaves and masters in electromagnetically
noisy applications.
The CAN module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports
up to 32 mailboxes, which can be configured for transmission or reception in normal mailbox
and FIFO modes. Both standard (11-bit) and extended (29-bit) messaging formats are
supported. See section 29, Controller Area Network (CAN) Module in User’s Manual.
USB 2.0 Full-Speed (USBFS) module The USB 2.0 Full-Speed (USBFS) module can operate as a device controller. The module
supports full-speed and low-speed transfer as defined in the Universal Serial Bus Specification
2.0. The module has an internal USB transceiver and supports all of the transfer types defined
in the Universal Serial Bus Specification 2.0.
The USB has buffer memory for data transfer, providing a maximum of five pipes. Pipe 0 and
pipe 4 to pipe 7 can be assigned any endpoint number based on the peripheral devices used
for communication or based on your system.
The MCU supports Battery Charging Specification revision 1.2. Because the MCU can be
powered at 5 V, the USB LDO regulator provides the internal USB transceiver power supply
3.3 V. See section 26, USB 2.0 Full-Speed Module (USBFS) in User’s Manual.
Table 1.8
Analog (1 of 2)
Feature
Functional description
16-bit A/D Converter (ADC16)
A successive approximation 16-bit A/D Converter (ADC16) is provided. Up to 17 single-ended/
4 differential analog input channels are selectable. Reference voltage of SDADC24,
temperature sensor output, and internal reference voltage are selectable for conversion. The
calibration function calculates capacitor array DAC and gain/offset correction values under the
usage conditions to enable accurate
A/D conversion. See section 32, 16-Bit A/D Converter (ADC16) in User’s Manual.
24-bit Sigma-Delta A/D Converter
(SDADC24)
A 24-bit Sigma-Delta A/D Converter (SDADC24) with a programmable gain instrumentation
amplifier is provided. Up to 10 single-ended/5 differential analog input channels are selectable.
The 2 single-ended/1 differential analog input channels of these analog input channels are
inputs from internal OPAMP. Analog input multiplexer is input to the sigma-delta A/D converter
by the programmable gain instrumentation amplifier (PGA). The A/D conversion result is
filtered by the SINC3 digital filter, and then stored in an output register. The calibration function
calculates gain error and offset error correction values under the usage conditions to enable
accurate A/D conversion. See section 33, 24-Bit Sigma-Delta A/D Converter (SDADC24) in
User’s Manual.
12-bit D/A Converter (DAC12)
A 12-bit D/A Converter (DAC12) is provided. See section 34, 12-Bit D/A Converter (DAC12) in
User’s Manual.
8-bit D/A Converter (DAC8)
An 8-bit D/A Converter (DAC8) is provided. See section 35, 8-Bit D/A Converter (DAC8) in
User’s Manual.
Temperature Sensor (TSN)
The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for
reliable operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is linear.
The output voltage is provided to the ADC16 for conversion and can be further used by the end
application. See section 36, Temperature Sensor (TSN) in User’s Manual.
High-Speed Analog Comparator
(ACMPHS)
The High-Speed Analog Comparator (ACMPHS) compares a reference voltage with an analog
input voltage. The comparison result can be read by software and also be output externally.
The reference voltage can be selected from either an input to the IVREFi (i = 0 to 2) pin, an
output from internal D/A converter, or from the internal reference voltage (Vref) generated
internally in the MCU.
Such flexibility is useful in applications that require go/no-go comparisons to be performed
between analog signals without necessarily requiring A/D conversion. See section 38, High-
Speed Analog Comparator (ACMPHS) in User’s Manual.
Low-Power Analog Comparator
(ACMPLP)
The Low-Power Analog Comparator (ACMPLP) compares a reference voltage with an analog
input voltage. The comparison result can be read by software and also be output externally.
The reference voltage can be selected from either an input to the CMPREFi (i = 0, 1) pin, an
internal 8-bit D/A converter output, or the internal reference voltage (Vref) generated internally
in the MCU.
The ACMPLP response speed can be set before starting an operation. Setting high-speed
mode decreases the response delay time, but increases current consumption. Setting low-
speed mode increases the response delay time, but decreases current consumption. See
section 39, Low-Power Analog Comparator (ACMPLP) in User’s Manual.
Table 1.7
Communication interfaces (2 of 2)
Feature
Functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com