Electronic Components Datasheet Search
  English  ▼

X  

RA2A1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 5Page - Renesas Technology Corp RA2A1 Datasheet HTML 6Page - Renesas Technology Corp RA2A1 Datasheet HTML 7Page - Renesas Technology Corp RA2A1 Datasheet HTML 8Page - Renesas Technology Corp RA2A1 Datasheet HTML 9Page - Renesas Technology Corp RA2A1 Datasheet HTML 10Page - Renesas Technology Corp RA2A1 Datasheet HTML 11Page - Renesas Technology Corp RA2A1 Datasheet HTML 12Page - Renesas Technology Corp RA2A1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 9 of 100
Mar 16, 2020
RA2A1 Datasheet
1. Overview
1.3
Part Numbering
Figure 1.2 shows the product part number information, including memory capacity and package type. Table 1.12 shows a
list of products.
Figure 1.2
Part numbering scheme
Table 1.12
Product list
Product part number
Orderable part number
Package code
Code flash
Data flash
SRAM
Operating
temperature
R7FA2A1AB3CFM
R7FA2A1AB3CFM#AA0
PLQP0064KB-C
256 KB
8 KB
32 KB
-40 to +105°C
R7FA2A1AB3CNE
R7FA2A1AB3CNE#AC0
PWQN0048KB-A
-40 to +105°C
R7FA2A1AB3CNF
R7FA2A1AB3CNF#AC0
PWQN0040KC-A
-40 to +105°C
R7FA2A1AB2CBT
R7FA2A1AB2CBT#AC0
PLBG0036GA-A
-40 to +85°C
R7FA2A1AB3CFJ
R7FA2A1AB3CFJ#AA0
PLQP0032GB-A
-40 to +105°C
# A A 0
R 7 F A 2 A 1 A B 3 C F M
Package type
FM: LQFP 64 pins
FJ: LQFP 32 pins
BT: BGA 36 pins
NE: QFN 48 pins
NF: QFN 40 pins
Quality Grade
Operating temperature
2: -40°C to 85°C
3: -40°C to 105°C
Code flash memory size
B: 256 KB
Feature set
Group number
Series name
RA family
Flash memory
Renesas microcontroller
Packaging, Terminal material (Pb-free)
#AA: Tray/Sn (Tin) only
#AC: Tray/others
Production identification code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com