Electronic Components Datasheet Search
  English  ▼

X  

2000-NF Datasheet(PDF) 4 Page - 3M Electronics

Part # 2000-NF
Description  FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000-NF Datasheet(HTML) 4 Page - 3M Electronics

  2000-NF Datasheet HTML 1Page - 3M Electronics 2000-NF Datasheet HTML 2Page - 3M Electronics 2000-NF Datasheet HTML 3Page - 3M Electronics 2000-NF Datasheet HTML 4Page - 3M Electronics 2000-NF Datasheet HTML 5Page - 3M Electronics 2000-NF Datasheet HTML 6Page - 3M Electronics 2000-NF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3M™ Fastbond™
Contact Adhesive 2000-NF with Spray Activator #1
- 4 -
Application Equipment
Suggestions (continued)
Material Supply:
Pressure Pots
Adhesive and Activator: For best results, use stainless steel pressure pots. Non-
stainless pressure pots may be used if used with plastic liner and the dip tube and
fittings are changed to plastic or stainless steel.
Pumps
Adhesive: Use a 1 inch plastic bodied, double diaphragm pump with PTFE
diaphragms and ball checks. It is suggested that all diaphragm pumps are short
stroked by the manufacturer before use. Do not use piston type reciprocating pumps,
or diaphragm pumps smaller than 1 inch. When using diaphragm pumps the use of
a bag type fluid filter is recommended on the output of the pump. A filter such as
the Graco Model 12 part number 915-518 with a 300 micron filter bag part number
521-264 or equivalent is suggested.
Fluid regulators cannot be used with this adhesive. Fluid pressure is controlled by the
pump pressure.
Activator: A 1:1 or 2:1 pogo or piston type reciprocating pump is suggested. All
pump parts in contact with activator must be plastic or stainless steel.
Diaphragm pumps and fluid regulators can be used (stainless steel or plastic on all
wetted components).
Hoses
All fluid hoses should be nylon or polyethylene lined. Hose fittings should be
stainless steel or plastic.
Note: Do not use fluid lines that have previously been used with solvent whether
flammable or nonflammable.
Handling/Application
Information
When using 3MTM FastbondTM Contact Adhesive 2000-NF with Spray Activator #1, it
is required that at least one of each pair of substrates to be bonded be porous or water
permeable.
Surface Preparation
Surfaces must be clean, dry and dust free.
Spray Mix Ratio of Activator to Adhesive
It is recommended that Fastbond contact adhesive 2000-NF be spray mixed with
spray activator #1 at a ratio of 15 parts adhesive to 1 part activator (by weight or
volume). When activated, slight adhesive transfer should occur when adhesive film is
touched immediately after spraying.
Application
Use a plural nozzle, external mix spray applicator to mix adhesive with activator to
achieve proper mix of Fastbond contact adhesive 2000-NF with spray activator #1.
(Refer to Application Equipment Suggestions above for additional information about
spray equipment.) Spray apply a uniform coat of mixed adhesive to both surfaces.
(See coverage section.) One coat should usually be sufficient for both surfaces. Be
sure to overlap the spray pattern slightly with each pass of the spray applicator to
ensure complete activation of adhesive and uniform coverage.
A uniform dull film indicates sufficient mixture of Fastbond contact adhesive
2000-NF with spray activator #1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com