Electronic Components Datasheet Search
  English  ▼

X  

2000-NF Datasheet(PDF) 5 Page - 3M Electronics

Part # 2000-NF
Description  FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000-NF Datasheet(HTML) 5 Page - 3M Electronics

  2000-NF Datasheet HTML 1Page - 3M Electronics 2000-NF Datasheet HTML 2Page - 3M Electronics 2000-NF Datasheet HTML 3Page - 3M Electronics 2000-NF Datasheet HTML 4Page - 3M Electronics 2000-NF Datasheet HTML 5Page - 3M Electronics 2000-NF Datasheet HTML 6Page - 3M Electronics 2000-NF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3M™ Fastbond™
Contact Adhesive 2000-NF with Spray Activator #1
- 5 -
Handling/Application
Information (continued)
Coverage
Approximately 690 sq. ft./gal. sufficient to apply 345 sq. ft. of bonded surface on
most substrates such as decorative laminate and particle board. Optimum
performance is obtained using 2.5-3.5 grams/sq. ft. dry adhesive on each surface.
Note: Coverage will vary depending on the porosity of substrates and strength
of adhesive bond desired. For decorative laminate to particle board,
optimum performance is obtained at 2.5-3.5 grams of dry adhesive per
square foot applied to each surface. Depending on the user’s performance
requirements, less adhesive is suggested if fabrics, foams, etc. are to be
bonded. In all cases, user’s evaluation will be required to determine the
optimum coverage levels.
Activation Time
With proper mixing of adhesive and activator and depending on ambient conditions,
adhesive activates sufficiently to make bonds within 5-15 seconds after application.
Depending on ambient conditions and substrates, bonds should be made within (2)
hours. While bonds may be made immediately, the optimum initial strength will be
obtained by allowing the adhesive to dry the same amount of time as the previous
adhesive (solvent) type.
Assembly
For foam bonding and foam fabrication, pressure may be applied to the bond by
manual or mechanical methods. Bond adhesive coated surfaces with sufficient
pressure to assure good contact across adhesive bond line. For decorative laminates,
spacers such as dowels or strips of laminate may be used to help prevent premature
adhesive/adhesive contact and bonding prior to positioning. Slide out the spacers and
apply uniform pressure working toward the edges. A 3 inch roller used with
maximum body pressure should be used to help ensure adequate contact and bonding
especially on the edges. Bonded assemblies may be machined, trimmed, etc.
immediately after bonding. The use of a pinch roll is preferred for optimum
performance.
Cleanup
Work Surface: If adhesive has not activated, clean surfaces with water or with a
small amount of liquid detergent followed with a cleaner such as 3M™ Citrus Base
Cleaner or equivalent. Dried, activated adhesive may be cleaned with a combination
of cleaner and mechanical systems such as wire brushing.
Spray Equipment: Flush adhesive portion of spray equipment with cold water
containing a small amount of detergent* followed by a flush with clean water. The
activator portion of spray equipment should be flushed with clean water (no detergent).
*Cleaning Solution: One pint of detergent to five gallons of water.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com