Electronic Components Datasheet Search
  English  ▼

X  

2000-NF Datasheet(PDF) 1 Page - 3M Electronics

Part # 2000-NF
Description  FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000-NF Datasheet(HTML) 1 Page - 3M Electronics

  2000-NF Datasheet HTML 1Page - 3M Electronics 2000-NF Datasheet HTML 2Page - 3M Electronics 2000-NF Datasheet HTML 3Page - 3M Electronics 2000-NF Datasheet HTML 4Page - 3M Electronics 2000-NF Datasheet HTML 5Page - 3M Electronics 2000-NF Datasheet HTML 6Page - 3M Electronics 2000-NF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
FastbondTM
Contact Adhesive 2000-NF with Spray Activator #1
Product Description
3M™ Fastbond™ Contact Adhesive 2000-NF with Spray Activator #1 is a water-
dispersed, high solid, activated adhesive which provides immediate bonding
capabilities and handling strength without forced drying equipment for most
applications.
Features
• Immediate bonding without heat.
• Immediate handling strength.
• Bonds flexible polyurethane and latex foams, plastic laminate, wood, plywood,
particle board, fabrics, fiber, aluminum, galvanized steel and many plastics.
• Post-formable and heat resistant.
• Co-sprayed with plural component, external mix spray systems – no premixing,
no limited pot life.
• Available in blue, light orange or neutral color.
• Not recommended for bonding bare steel surfaces (unless force dried and
protected from moisture). Primed or painted steel surfaces must be thoroughly
tested for corrosion and compatibility with Fastbond contact adhesive 2000-NF
with spray activator #1 before use.
• Designed to be applied between two substrates. Application to substrates that
results in direct exposure of the adhesive to light may result in eventual
discoloration of the exposed adhesive. Direct exposure can be controlled by
proper spray application. Adhesive may soak through very thin fabrics.
• Certified to GREENGUARD® Product Emission Standard For Children and
Schools(SM) for low emitting interior building materials:
° Addresses or Contributes to LEED™ EQ Credit 4.1: Low Emitting
Materials: Adhesive and Sealants
° Addresses or Contributes to LEED™ EQ Credit 4.3: Low Emitting
Materials: Flooring Materials
° Addresses or Contributes to LEED™ EQ Credit 4.4: Low Emitting
Materials: Composite Wood and Agrifiber Products
° Addresses or Contributes to LEED™ EQ Credit 4.5: Low Emitting
Materials: Furniture and Furnishings
° Addresses or Contributes to LEED™ EQ Credit 4.6: Low Emitting
Materials: Ceiling and Wall Systems
Technical Data
September, 2010
Special Note
When bonding wood veneers, success is dependent on many variables such as
environmental conditions, bonding process, type of base material, type of veneer,
adhesive type and top coat finishing systems to name a few. For unbacked wood
veneers, water based contact adhesives are not recommended. It is the user’s
responsibility to thoroughly test any adhesive for its suitability in bonding wood
veneers. It is also recommended to follow the veneer manufacturers
recommendation and industry guidelines.


Similar Part No. - 2000-NF

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
2000-0 DWYER-2000-0 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-0.5KPA DWYER-2000-0.5KPA Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-00 DWYER-2000-00 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
logo
Digitron Semiconductors
2000-003/19 DIGITRON-2000-003/19 Datasheet
537Kb / 2P
Digital Thermometers
logo
Dwyer Instruments,
2000-00AV DWYER-2000-00AV Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2000-NF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30NF 3M-30NF Datasheet
524Kb / 9P
3M FastbondTM
Jan-2017
60CA 3M-60CA Datasheet
267Kb / 2P
General Purpose 60 CA Spray Adhesive
Mar-2015
94CA 3M-94CA Datasheet
177Kb / 2P
Scotch-WeldTM Hi-Strength Postforming 94 CA Spray Adhesive
Nov-2017
6116 3M-6116 Datasheet
19Kb / 4P
3M Spray-Bond Adhesive
Jul-2003
logo
Pepperl+Fuchs Inc.
BT34 PF-BT34 Datasheet
735Kb / 1P
Activator
BT37 PF-BT37 Datasheet
649Kb / 1P
Activator
BT43-RG-02 PF-BT43-RG-02 Datasheet
460Kb / 2P
Activator
BT65A PF-BT65A Datasheet
1,020Kb / 3P
Activator
BT65A-Y223199 PF-BT65A-Y223199 Datasheet
850Kb / 2P
Activator
BT65B PF-BT65B Datasheet
963Kb / 2P
Activator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com