Electronic Components Datasheet Search
  English  ▼

X  

2000-NF Datasheet(PDF) 6 Page - 3M Electronics

Part # 2000-NF
Description  FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000-NF Datasheet(HTML) 6 Page - 3M Electronics

  2000-NF Datasheet HTML 1Page - 3M Electronics 2000-NF Datasheet HTML 2Page - 3M Electronics 2000-NF Datasheet HTML 3Page - 3M Electronics 2000-NF Datasheet HTML 4Page - 3M Electronics 2000-NF Datasheet HTML 5Page - 3M Electronics 2000-NF Datasheet HTML 6Page - 3M Electronics 2000-NF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3M™ Fastbond™
Contact Adhesive 2000-NF with Spray Activator #1
- 6 -
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (ASTM D 1002)
1/8 inch birch to 1/8 inch birch. Adhesive co-spray applied and bonded immediately
with nip roll pressure. Bonds tested after aging 3 weeks @ 75°F (24°C) and 50% R.H.
at a separation rate of 0.2 in./min.
Test Temp.
Value (psi)
-30°F (-37°C)
1000
75°F (24°C)
350
180°F (82°C)
50
200°F (93°C)
40
225°F (107°C)
30
Flatwise Tensile Strength (ASTM C 297)
High pressure laminate to particle board. Adhesive co-sprayed applied and bonded
immediately with nip roll pressure. Bonds aged for 3 weeks @ 75°F (24°C)/50%
R.H. and then tested at a separation rate of 0.05 in./min.
Foam to Foam Heat Resistance
A pinch bond (knife edge) of 4 inch thick urethane foam (1.2 lb./ft.3) was made co-
spraying adhesive and bonding immediately with hand pressure. The bond was then
immediately placed in a 160°F (91°C) oven for 3 months.
Test Result
• No opening or separation of pinch bond.
• No degradation or hardening of adhesive bondline.
Overlap Shear Rate of Strength Build-Up (ASTM D 1002)
1/8 inch birch to 1/8 inch birch. Adhesive co-spray applied and bonded immediately
with nip roll pressure. Bonds aged at 77°F (25°C)/50% R.H. and 90°F (32°C)/90%
R.H. for indicated time and then tested at a separation rate of 0.2 in./min. at 75°F (24°C).
Time
Value (psi)
Value (psi)
77°F (25°C)/50% R.H. Aged
90°F (32°C)/90% R.H. Aged
1 min.
55
55
15 min.
75
75
30 min.
130
160
60 min.
160
180
90 min.
165
190
2 hours
170
190
4 hours
230
215
8 hours
260
255
24 hours
290
315
3 days
320
340
7 days
350
350
14 days
350
350
21 days
350
350
Test Temp.
Value (psi)
75°F (24°C)
84
180°F (82°C)
25
200°F (93°C)
25
225°F (107°C)
25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com