Electronic Components Datasheet Search
  English  ▼

X  

2000-NF Datasheet(PDF) 3 Page - 3M Electronics

Part # 2000-NF
Description  FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000-NF Datasheet(HTML) 3 Page - 3M Electronics

  2000-NF Datasheet HTML 1Page - 3M Electronics 2000-NF Datasheet HTML 2Page - 3M Electronics 2000-NF Datasheet HTML 3Page - 3M Electronics 2000-NF Datasheet HTML 4Page - 3M Electronics 2000-NF Datasheet HTML 5Page - 3M Electronics 2000-NF Datasheet HTML 6Page - 3M Electronics 2000-NF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Fastbond™
Contact Adhesive 2000-NF with Spray Activator #1
- 3 -
Application Equipment
Suggestions
Note: Appropriate application equipment can enhance adhesive performance. We suggest
the following application equipment for the user’s evaluation in light of the user’s
particular purpose and method of application.
Air Atomizing Spray Equipment:
When hand spraying, plural component (co-spray) applicators are used. These
applicators spray activator and adhesive through separate fluid nozzles with mixing
occurring outside the spray applicator.
For automatic spray systems, separate spray applicators are used for the activator and
adhesive, with the applicators aimed so the spray patterns converge and mix together
before reaching the substrate.
Note: Premixing of the adhesive and activator prior to spraying is NOT possible
and makes the adhesive unusable.
Hand Held Spray
Atomizing Air
Approximate Air
Applicators
Air Cap
Fluid Nozzle
Pressure
Requirement
Binks Mach 1PC
91 PC
94F (.055")
15-30 psi
6 scfm @ 15 psi
H.V.L.P.
Graco Optimizer 2K
188-754
185-702 (.055")
25-35 psi
6 scfm @ 15 psi
H.V.L.P.
Mattson Cross-Fire
81270
82017 (.050")
15-30 psi
6 scfm @ 15 psi
H.V.L.P.
DeVilbiss Pro Bond 2K
28L
FF (.055")
25-35 psi
6 scfm @ 15 psi
Automatic Spray
Atomizing Air
Approximate Air
Applicators
Air Cap
Fluid Nozzle
Pressure
Requirement
Binks Mach 1PC
91 PC
94F (.055")
15-30 psi
6 scfm @ 15 psi
H.V.L.P.
Binks Mach 1A
91 P
94F (.055")
15-30 psi
11 scfm @ 30 psi
H.V.L.P. (Adhesive)
Binks Mach 1A
91 P
90F (.030")
15-30 psi
11 scfm @ 30 psi
H.V.L.P. (Activator)
Binks 21, 61, 95A
66SD-3
65SS (.059")
15-30 psi
6 scfm @ 15 psi
(Adhesive)
Binks 21, 61, 95A
66S
63SS (.028")
10-15 psi
3.4 scfm @ 30 psi
(Activator)
DeVilbiss AGX
30
FF (.055")
15-30 psi
6 scfm @ 20 psi
(Adhesive)
DeVilbiss AGX
30
G (.028")
10-15 psi
6 scfm @ 20 psi
(Activator)
DeVilbiss AGXV
33A
FF (.055")
15-30 psi
12 scfm @ 30 psi
H.V.L.P. (Adhesive)
DeVilbiss AGXV
33A
G (.028")
10-15 psi
6 scfm @ 20 psi
H.V.L.P. (Activator)
TO MEASURE FLUID FLOW
Hand Held Applicators: Pressurize adhesive source only. Direct adhesive fluid nozzle into a
measuring device. Pull trigger and flow material into measuring device for 60 seconds. Increase
or decrease fluid source pressure to obtain desired fluid flow. The fluid flow of the activator
should be adjusted to 15 to 1 ratio when co-sprayed. The measurement can be done by either
weight or volume.
Automatic Applicators: Pressurize adhesive fluid source only. Activate trigger and flow adhesive
into measuring device for 60 seconds. Increase or decrease fluid pressure to obtain desired
fluid flow. When adhesive fluid flow is correctly adjusted repeat the process with the activator spray
applicator, setting fluid flow to one-fifteenth of the adhesive fluid flow. The measurement can be
done by either weight or volume.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com