Electronic Components Datasheet Search
  English  ▼

X  

UPD17P136ACT Datasheet(PDF) 156 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 156 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 152Page - NEC UPD17P136ACT Datasheet HTML 153Page - NEC UPD17P136ACT Datasheet HTML 154Page - NEC UPD17P136ACT Datasheet HTML 155Page - NEC UPD17P136ACT Datasheet HTML 156Page - NEC UPD17P136ACT Datasheet HTML 157Page - NEC UPD17P136ACT Datasheet HTML 158Page - NEC UPD17P136ACT Datasheet HTML 159Page - NEC UPD17P136ACT Datasheet HTML 160Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
137
(c) Successive mode A/D conversion timing
Figure 13-16 shows the A/D conversion timing in the successive mode.
Figure 13-19. A/D Conversion Timing in the Continuous Mode
Caution Sampling is executed eight times while A/D conversion is performed once. Therefore, if the
analog input voltage changes substantially during A/D conversion, conversion is not performed
accurately. To obtain the accurate conversion result, it is necessary to keep changes in the
analog input voltage as small as possible during A/D conversion.
One sampling time = 14/fx (1.75
µs, 8 MHzNote)
Sampling repeat cycle = 48/fx (6
µs, 8 MHzNote)
Note
The guaranteed oscillation range of the
µPD17134A, 17136A, and 17P136A is 400 kHz to 2.4 MHz.
Number of instruction to be executed (Instruction cycle)
POKE
123456789
24
GET
Read ADCR
Sampling
Sampling
Sampling
Set ADCSTRT
Previous
data
Initial value
80H
Most significant
bit determined
High-order 2 bits
are determined
ADCSTRT
ADCEND
8-bit data
register
All eight bits
are vaild.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com