Electronic Components Datasheet Search
  English  ▼

X  

UPD17P136ACT Datasheet(PDF) 44 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 44 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 40Page - NEC UPD17P136ACT Datasheet HTML 41Page - NEC UPD17P136ACT Datasheet HTML 42Page - NEC UPD17P136ACT Datasheet HTML 43Page - NEC UPD17P136ACT Datasheet HTML 44Page - NEC UPD17P136ACT Datasheet HTML 45Page - NEC UPD17P136ACT Datasheet HTML 46Page - NEC UPD17P136ACT Datasheet HTML 47Page - NEC UPD17P136ACT Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 292 page
background image
CHAPTER 4 PROGRAM MEMORY (ROM)
25
(2) Direct branch
A direct branch (BR addr) instruction branches a value of operand (addr) as an address. (In the case of the
µPD17134A and µPD17135A, the most significant bit must be 0. If an address is specified outside of this range,
an error will occur in the assembler.) A BR addr instruction can be used to branch to any address in program
memory.
(3) Indirect branch
When executing an indirect branch (BR @AR), the program branches to the address specified by the value
stored in the address register (AR). A BR @AR can be used to branch to any address in program memory.
Also see 7.2 ADDRESS REGISTER (AR).
(4) Subroutine
To branch execution to a subroutine, the subroutine call (CALL) instruction is used.
The CALL instruction can be used in two ways: as a direct subroutine call instruction (CALL addr) that causes
execution to branch using the value of the operand (addr) as an address, and as an indirect subroutine call
instruction (CALL @AR) that causes execution to branch using the contents of an address register as an
address.
To return from a subroutine, the RET or RETSK instruction is used. By executing the RET or RETSK instruction,
execution is returned to the program memory address next to the one at which the CALL instruction was
executed.
When the RETSK instruction is used, the first instruction after execution has returned from the subroutine is
executed as a NOP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com