Electronic Components Datasheet Search
  English  ▼

X  

UPD17P136ACT Datasheet(PDF) 94 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 94 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 90Page - NEC UPD17P136ACT Datasheet HTML 91Page - NEC UPD17P136ACT Datasheet HTML 92Page - NEC UPD17P136ACT Datasheet HTML 93Page - NEC UPD17P136ACT Datasheet HTML 94Page - NEC UPD17P136ACT Datasheet HTML 95Page - NEC UPD17P136ACT Datasheet HTML 96Page - NEC UPD17P136ACT Datasheet HTML 97Page - NEC UPD17P136ACT Datasheet HTML 98Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 292 page
background image
CHAPTER 9 REGISTER FILE (RF)
75
Figure 9-4. Control Register Configuration (1/2)
Remark
The address in parentheses apply when the AS17K assembler is used.
The names of all the flags in the control registers are assembler reserved words saved in the device
file.
Using these reserved words is useful in programming.
(See CHAPTER 20 ASSEMBLER
RESERVED WORDS.)
01234567
Column address
Row
address
Item
Symbol
When reset
Read/
Write
Symbol
When reset
Read/
Write
Symbol
When reset
Read/
Write
Symbol
When reset
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
P
D
R
E
S
E
N
000
0000000010000000
000000000000
010100000000
T
M
0
E
N
T
M
0
R
E
S
T
M
0
C
K
0
T
M
1
E
N
T
M
1
R
E
S
T
M
1
C
K
0
B
T
M
I
S
E
L
B
T
M
R
E
S
B
T
M
C
K
1
B
T
M
C
K
0
T
M
1
C
K
1
T
M
0
C
K
1
A
D
C
S
T
R
T
000
A
D
C
S
O
F
T
A
D
C
C
M
P
0
A
D
C
E
N
D
A
D
C
C
H
3
A
D
C
C
H
2
A
D
C
C
H
1
A
D
C
C
H
0
S
P
S
I
O
T
S
S
I
O
H
I
Z
S
I
O
C
K
1
S
I
O
C
K
0
00
0
W
D
T
R
E
S
W
D
T
E
N
0
(8)
1
(9)
2
(A)
3
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com