Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5409A Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409A
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409A Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5409A Datasheet HTML 35Page - Texas Instruments TMS320VC5409A Datasheet HTML 36Page - Texas Instruments TMS320VC5409A Datasheet HTML 37Page - Texas Instruments TMS320VC5409A Datasheet HTML 38Page - Texas Instruments TMS320VC5409A Datasheet HTML 39Page - Texas Instruments TMS320VC5409A Datasheet HTML 40Page - Texas Instruments TMS320VC5409A Datasheet HTML 41Page - Texas Instruments TMS320VC5409A Datasheet HTML 42Page - Texas Instruments TMS320VC5409A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
www.ti.com
Hex
0000
0030
0031
003F
Reserved
7FFF
8000
0000
FFFF
0032
0033
Hex
0000
FFFF
Reserved
DRR22
DRR12
DXR22
DXR12
RCERA2
XCERA2
RECRA0
XECRA0
0034
0035
0036
0037
0038
0039
003A
003B
003C
0040
0041
0042
0043
DRR21
DRR11
DXR21
DXR11
RCERA1
XCERA1
0044
0049
004A
004B
004C
0020
0021
005F
0022
0023
DRR20
DRR10
DXR20
DXR10
0024
002F
001F
005F
0060
0080
On-Chip
DARAM3
8K Words
1FFF
2000
3FFF
4000
5FFF
6000
Scratch-Pad
RAM
007F
On-Chip
DARAM2
8K Words
On-Chip
DARAM1
8K Words
On-Chip
DARAM0
8K Words
Data Space
(See Breakout)
I/O Space
Data Space
Data Space (0000 - 005F)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
3.12.5
DMA Priority Level
3.12.6
DMA Source/Destination Address Modification
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
Figure 3-21. On-Chip DMA Memory Map for Data and IO Space (DLAXS = 0 and SLAXS = 0)
Each DMA channel can be independently assigned high- or low-priority relative to each other. Multiple
DMA channels that are assigned to the same priority level are handled in a round-robin manner.
The DMA provides flexible address-indexing modes for easy implementation of data management
schemes such as autobuffering and circular buffers. Source and destination addresses can be indexed
separately and can be post-incremented, post-decremented, or post-incremented with a specified index
offset.
Functional Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com