Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5409A Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409A
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409A Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5409A Datasheet HTML 18Page - Texas Instruments TMS320VC5409A Datasheet HTML 19Page - Texas Instruments TMS320VC5409A Datasheet HTML 20Page - Texas Instruments TMS320VC5409A Datasheet HTML 21Page - Texas Instruments TMS320VC5409A Datasheet HTML 22Page - Texas Instruments TMS320VC5409A Datasheet HTML 23Page - Texas Instruments TMS320VC5409A Datasheet HTML 24Page - Texas Instruments TMS320VC5409A Datasheet HTML 25Page - Texas Instruments TMS320VC5409A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
www.ti.com
3.6
On-Chip Peripherals
3.6.1
Software-Programmable Wait-State Generator
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
The 5409A device has the following peripherals:
• Software-programmable wait-state generator
• Programmable bank-switching
• A host-port interface (HPI8/16)
• Three multichannel buffered serial ports (McBSPs)
• A hardware timer
• A clock generator with a multiple phase-locked loop (PLL)
• Enhanced external parallel interface (XIO2)
• A DMA controller (DMA)
The software wait-state generator of the 5409A can extend external bus cycles by up to fourteen machine
cycles. Devices that require more than fourteen wait states can be interfaced using the hardware READY
line. When all external accesses are configured for zero wait states, the internal clocks to the wait-state
generator are automatically disabled. Disabling the wait-state generator clocks reduces the power
consumption of the 5409A.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 14 LSBs
of the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to
five separate address ranges. This allows a different number of wait states for each of the five address
ranges. Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control
register (SWCR) defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the
wait-state generator is initialized to provide seven wait states on all external memory accesses. The
SWWSR bit fields are shown in Figure 3-5 and described in Table 3-3.
15
14
12
11
9
8
XPA
I/O
Data
Data
R/W-0
R/W-111
R/W-111
R/W-111
7
6
5
3
2
0
Data
Program
Program
R/W-111
R/W-111
R/W-111
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-5. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address
0028h]
Table 3-3. Software Wait-State Register (SWWSR) Field Descriptions
BIT
FIELD
VALUE
DESCRIPTION
Extended program address control bit. XPA is used in conjunction with the program space fields (bits 0
15
XPA
0
through 5) to select the address range for program space wait states.
I/O space. The field value (0-7) corresponds to the base number of wait states for I/O space accesses
14-12
I/O
111
within addresses 0000-FFFFh. The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for
the base number of wait states.
Upper data space. The field value (0-7) corresponds to the base number of wait states for external
11-9
Data
111
data space accesses within addresses 8000-FFFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
22
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com