Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5409A Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5409A
Description  Fixed-PointDigital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409A Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5409A Datasheet HTML 74Page - Texas Instruments TMS320VC5409A Datasheet HTML 75Page - Texas Instruments TMS320VC5409A Datasheet HTML 76Page - Texas Instruments TMS320VC5409A Datasheet HTML 77Page - Texas Instruments TMS320VC5409A Datasheet HTML 78Page - Texas Instruments TMS320VC5409A Datasheet HTML 79Page - Texas Instruments TMS320VC5409A Datasheet HTML 80Page - Texas Instruments TMS320VC5409A Datasheet HTML 81Page - Texas Instruments TMS320VC5409A Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
www.ti.com
(n-2)
Bit (n-1)
(n-3)
(n-2)
Bit (n-1)
(n-4)
(n-3)
(n-2)
Bit (n-1)
th(BCKRL-BDRV)
tsu(BDRV-BCKRL)
th(BCKRL-BDRV)
tsu(BDRV-BCKRL)
tsu(BDRV-BCKRL)
th(BCKRL-BDRV)
th(BCKRL-BFRH)
tsu(BFRH-BCKRL)
td(BCKRH-BFRV)
td(BCKRH-BFRV)
tr(BCKRX)
tr(BCKRX)
tw(BCKRXL)
tc(BCKRX)
tw(BCKRXH)
(RDATDLY=10b)
BDR
(RDATDLY=01b)
BDR
(RDATDLY=00b)
BDR
BFSR (ext)
BFSR (int)
BCLKR
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
Table 5-21. McBSP Transmit and Receive Switching Characteristics
(1)
5409A-120
5409A-160
PARAMETER
UNIT
MIN
MAX
tc(BCKRX)
Cycle time, BCLKR/X
BCLKR/X int
4P(2)
ns
tw(BCKRXH)
Pulse duration, BCLKR/X high
BCLKR/X int
D – 1(3)
D + 1(3)
ns
tw(BCKRXL)
Pulse duration, BCLKR/X low
BCLKR/X int
C – 1(3)
C + 1(3)
ns
BCLKR int
– 3
3
ns
td(BCKRH-BFRV)
Delay time, BCLKR high to internal BFSR valid
BCLKR ext
0
11
ns
BCLKX int
– 1
5
td(BCKXH-BFXV)
Delay time, BCLKX high to internal BFSX valid
ns
BCLKX ext
2
10
BCLKX int
6
Disable time, BCLKX high to BDX high impedance following last data
tdis(BCKXH-BDXHZ)
ns
bit of transfer
BCLKX ext
10
BCLKX int
– 1(5)
10
td(BCKXH-BDXV)
Delay time, BCLKX high to BDX valid
DXENA = 0(4)
ns
BCLKX ext
2
20
BFSX int
– 1(5)
7
Delay time, BFSX high to BDX valid
td(BFXH-BDXV)
ns
ONLY applies when in data delay 0 (XDATDLY = 00b) mode
BFSX ext
2
11
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
P = 0.5 * processor clock
(3)
T = BCLKRX period = (1 + CLKGDV) * 2P
C = BCLKRX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2P when CLKGDV is even
D = BCLKRX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * 2P when CLKGDV is even
(4)
The transmit delay enable (DXENA) feature of the McBSP is not implemented on the TMS320VC5409A.
(5)
Minimum delay times also represent minimum output hold times.
Figure 5-21. McBSP Receive Timings
78
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com