Electronic Components Datasheet Search
  English  ▼

X  

BUF602IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 7Page - Texas Instruments BUF602IDBVT Datasheet HTML 8Page - Texas Instruments BUF602IDBVT Datasheet HTML 9Page - Texas Instruments BUF602IDBVT Datasheet HTML 10Page - Texas Instruments BUF602IDBVT Datasheet HTML 11Page - Texas Instruments BUF602IDBVT Datasheet HTML 12Page - Texas Instruments BUF602IDBVT Datasheet HTML 13Page - Texas Instruments BUF602IDBVT Datasheet HTML 14Page - Texas Instruments BUF602IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
4.10
4.05
4.00
3.95
3.90
Ambient Temperature (
_C)
−40
−20
0
20
40
60
80
100
120
+V
O
−V
O
50
45
40
35
30
25
20
15
10
5
0
Frequency (Hz)
10k
100k
1M
10M
100M
−PSRR
+PSRR
30
25
20
15
10
5
0
Ambient Temperature (
_C)
6
5
4
3
2
1
0
−40
−20
0
20
40
60
80
100
120
Buffer Input Offset Voltage (V
OS)
Buffer Input Bias Current (I
B)
5
4
3
2
1
0
−1
−2
−3
−4
−5
Output Current (mA)
1W Internal
Power Limit
1W Internal
Power Limit
25
ΩLoad Line
50
ΩLoad Line
100
Ω
Load Line
BUF602
SBOS339 – OCTOBER 2005
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C and RL = 100Ω, unless otherwise noted.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
OUTPUT SWING VOLTAGE vs TEMPERATURE
Figure 13.
Figure 14.
DC DRIFT vs TEMPERATURE
BUFFER OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 15.
Figure 16.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com