Electronic Components Datasheet Search
  English  ▼

X  

BUF602IDBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 14Page - Texas Instruments BUF602IDBVT Datasheet HTML 15Page - Texas Instruments BUF602IDBVT Datasheet HTML 16Page - Texas Instruments BUF602IDBVT Datasheet HTML 17Page - Texas Instruments BUF602IDBVT Datasheet HTML 18Page - Texas Instruments BUF602IDBVT Datasheet HTML 19Page - Texas Instruments BUF602IDBVT Datasheet HTML 20Page - Texas Instruments BUF602IDBVT Datasheet HTML 21Page - Texas Instruments BUF602IDBVT Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.ti.com
INPUT AND ESD PROTECTION
External
Pin
+V
CC
−V
CC
Internal
Circuitry
BUF602
SBOS339 – OCTOBER 2005
These diodes provide moderate protection to input
overdrive voltages above the supplies as well. The
The BUF602 is built using a very high-speed
protection
diodes
can
typically
support
30mA
complementary bipolar process. The internal junction
continuous
current.
Where
higher
currents
are
breakdown voltages are relatively low for these very
possible (for example, in systems with
±15V supply
small geometry devices. These breakdowns are
parts driving into the BUF602), current-limiting series
reflected in the Absolute Maximum Ratings table. All
resistors should be added into the two inputs. Keep
device pins are protected with internal ESD protection
these resistor values as low as possible since high
diodes to the power supplies as shown in Figure 34.
values
degrade
both
noise
performance
and
frequency response.
Figure 34. Internal ESD Protection
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com