Electronic Components Datasheet Search
  English  ▼

X  

BUF602IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 12Page - Texas Instruments BUF602IDBVT Datasheet HTML 13Page - Texas Instruments BUF602IDBVT Datasheet HTML 14Page - Texas Instruments BUF602IDBVT Datasheet HTML 15Page - Texas Instruments BUF602IDBVT Datasheet HTML 16Page - Texas Instruments BUF602IDBVT Datasheet HTML 17Page - Texas Instruments BUF602IDBVT Datasheet HTML 18Page - Texas Instruments BUF602IDBVT Datasheet HTML 19Page - Texas Instruments BUF602IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
MACROMODELS AND APPLICATIONS
e
n
i
n
R
S
√4kTR
S
e
O
OUTPUT CURRENT AND VOLTAGE
e
O
+
e2n ) inRS
2
) 4kTRS
nV
Hz
(6)
THERMAL ANALYSIS
BUF602
SBOS339 – OCTOBER 2005
graph is bounded by a Safe Operating Area of 1W
maximum internal power dissipation. Superimposing
resistor load lines onto the plot shows that the
BUF602 can drive
±3V into 25Ω or ±3.5V into 50Ω
without exceeding the output capabilities or the 1W
Two PC boards are available to assist in the initial
dissipation limit.
evaluation of circuit performance using the BUF602 in
its two package styles. Both are available free, as
The minimum specified output voltage and current
unpopulated PC boards delivered with descriptive
over-temperature are set by worst-case simulations at
documentation. The summary information for these
the cold temperature extreme. Only at cold startup
boards is shown in Table 1.
will the output current and voltage decrease to the
numbers shown in the Electrical Characteristic tables.
Table 1. Demo Board Listing
As the output transistors deliver power, the junction
LITERATURE
temperatures will increase, decreasing both VBE
PACKA
BOARD PART
REQUEST
(increasing the available output voltage swing) and
PRODUCT
GE
NUMBER
NUMBER
increasing the current gains (increasing the available
BUF602ID
SO-8
DEM-BUF-SO-1A
SBAU118
output
current).
In
steady-state
operation,
the
BUF602IDBV
SOT23-5
DEM-BUF-SOT-1A
SBAU117
available output voltage and current will always be
greater than that shown in the over-temperature
To request either of these boards, use the Texas
specifications,
since
the
output
stage
junction
Instruments web site (www.ti.com).
temperatures will be higher than the minimum
specified operating ambient.
For a buffer, the noise model is shown in Figure 33.
SUPPORT
Equation 6 shows the general form for the output
Computer simulation of circuit performance using
noise voltage using the terms shown in Figure 33.
SPICE
is
often
useful
when
analyzing
the
performance of analog circuits and systems. This is
particularly true for video and RF amplifier circuits
where parasitic capacitance and inductance can have
a major effect on circuit performance. A SPICE model
for the BUF602 is available through the TI web site
(www.ti.com). These models do a good job of
predicting small-signal AC and transient performance
under a wide variety of operating conditions. They do
not do as well in predicting the harmonic distortion or
dG/dP characteristics. These models do not attempt
to
distinguish
between
package
types
in
their
small-signal AC performance.
Figure 33. Buffer Noise Analysis Model
The BUF602 provides output voltage and current
capabilities that are not usually found in wideband
buffers. Under no-load conditions at 25
°C, the output
voltage typically swings closer than 1.2V to either
supply rail; the +25
°C swing limit is within 1.2V of
Due to the high output power capability of the
either rail. Into a 15
Ω load (the minimum tested load),
BUF602, heatsinking or forced airflow may be
it is tested to deliver more than
±60mA.
required
under
extreme
operating
conditions.
Maximum desired junction temperature will set the
The specifications described above, though familiar in
maximum allowed internal power dissipation as
the industry, consider voltage and current limits
described below. In no case should the maximum
separately. In many applications, it is the voltage
×
junction temperature be allowed to exceed 150
°C.
current, or V-I product, which is more relevant to
circuit operation. Refer to the Buffer Output Voltage
Operating junction temperature (TJ) is given by TA +
and Current Limitations plot (Figure 16) in the Typical
PD × θJA. The total internal power dissipation (PD) is
Characteristics. The X and Y axes of this graph show
the sum of quiescent power (PDQ) and additional
the
zero-voltage
output
current
limit
and
the
power dissipated in the output stage (PDL) to deliver
zero-current output voltage limit, respectively. The
load power. Quiescent power is simply the specified
four quadrants give a more detailed view of the
no-load supply current times the total supply voltage
BUF602 output drive capabilities, noting that the
across the part. PDL will depend on the required
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com