Electronic Components Datasheet Search
  English  ▼

X  

BUF602IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 9Page - Texas Instruments BUF602IDBVT Datasheet HTML 10Page - Texas Instruments BUF602IDBVT Datasheet HTML 11Page - Texas Instruments BUF602IDBVT Datasheet HTML 12Page - Texas Instruments BUF602IDBVT Datasheet HTML 13Page - Texas Instruments BUF602IDBVT Datasheet HTML 14Page - Texas Instruments BUF602IDBVT Datasheet HTML 15Page - Texas Instruments BUF602IDBVT Datasheet HTML 16Page - Texas Instruments BUF602IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = +3.3V
3
0
−3
−6
−9
−12
−15
−18
Frequency (Hz)
1M
10M
100M
2G
1G
V
O = 0.5VPP
V
O = 0.2VPP
V
O = 1VPP
R
L = 100Ω
−40
−45
−50
−55
−60
−65
−70
−75
−80
Frequency (MHz)
1
10
100
R
L = 500Ω
V
O = 1VPP
3rd−Harmonic
2nd−Harmonic
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
Frequency (MHz)
1
10
100
300
V
O = 0.5VPP
R
L = 100Ω
−50
−55
−60
−65
−70
−75
−80
Load Resistance (
Ω )
100
1k
f = 5MHz
V
O = 1VPP
3rd−Harmonic
2nd−Harmonic
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
Time (2ns/div)
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
Small−Signal
1.65V
DC ± 0.1V
Left Scale
Large−Signal
1.65V
DC ± 0.7V
Right Scale
R
L = 100Ω
f = 40MHz
−30
−40
−50
−60
−70
−80
−90
Output Voltage (V
PP)
0.50
1.50
0.75
1.00
1.25
f = 5MHz
R
L = 500Ω
2nd−Harmonic
3rd−Harmonic
BUF602
SBOS339 – OCTOBER 2005
At T
A = +25°C and RL = 100Ω to VS/2, unless otherwise noted.
BUFFER BANDWIDTH vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs FREQUENCY
Figure 23.
Figure 24.
BUFFER GAIN FLATNESS
5MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 25.
Figure 26.
BUFFER PULSE RESPONSE
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 27.
Figure 28.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com