Electronic Components Datasheet Search
  English  ▼

X  

BUF602IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  BUF602IDBVT Datasheet HTML 1Page - Texas Instruments BUF602IDBVT Datasheet HTML 2Page - Texas Instruments BUF602IDBVT Datasheet HTML 3Page - Texas Instruments BUF602IDBVT Datasheet HTML 4Page - Texas Instruments BUF602IDBVT Datasheet HTML 5Page - Texas Instruments BUF602IDBVT Datasheet HTML 6Page - Texas Instruments BUF602IDBVT Datasheet HTML 7Page - Texas Instruments BUF602IDBVT Datasheet HTML 8Page - Texas Instruments BUF602IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Top View
1
2
3
5
4
Out
−V
CC
V
REF
+V
CC
In
AWO
Pin Orientation/Package Marking
SOT23−5
x1
x1
200
Ω
50k
Ω
50k
Ω
1
2
3
4
8
7
6
5
+V
CC
NC
NC
In
Out
NC
V
REF
−V
CC
SO−8
NC = No Connection
x1
x1
200
Ω
50k
Ω
50k
Ω
BUF602
SBOS339 – OCTOBER 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
BUF602ID
Rails, 75
BUF602
SO-8
D
–45
°C to +85°C
BUF602
BUF602IDR
Tape and Reel, 2500
BUF602IDBVT
Tape and Reel, 250
BUF602
SOT23-5
DBV
–45
°C to +85°C
AWO
BUF602IDBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document or see the TI
web site at www.ti.com.
Power Supply
±6.5V
DC
Internal Power Dissipation
See Thermal Information
Input Common-Mode Voltage Range
±V
S
Storage Temperature Range: D, DBV
–40
°C to +125°C
Lead Temperature (soldering, 10s)
+300
°C
Junction Temperature (TJ)
+150
°C
ESD Rating:
Human Body Model (HBM)
2000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com