Electronic Components Datasheet Search
  English  ▼

X  

DP83241 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83241 Datasheet HTML 1Page - National Semiconductor (TI) DP83241 Datasheet HTML 2Page - National Semiconductor (TI) DP83241 Datasheet HTML 3Page - National Semiconductor (TI) DP83241 Datasheet HTML 4Page - National Semiconductor (TI) DP83241 Datasheet HTML 5Page - National Semiconductor (TI) DP83241 Datasheet HTML 6Page - National Semiconductor (TI) DP83241 Datasheet HTML 7Page - National Semiconductor (TI) DP83241 Datasheet HTML 8Page - National Semiconductor (TI) DP83241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
20 Functional Description
The CDD device clocks are all generated from and phase
aligned to either a 125 MHz crystal oscillator or a TTL input
reference source using digital phase locked loop tech-
niques The architecture of the Clock Distribution Device en-
sures that the output clocks which are generated have fre-
quency tolerances identical to the 50 PPM crystal reference
When the reference input signal is a backplane signal the
matching of the phase comparator input path delays guar-
antees phase alignment within 3 ns
The phase locked loop generates the desired clocks as
shown in the device Block Diagram One of the Local Byte
Clock (LBC) phases is connected to the FEEDBK IN input of
the phase comparator where its phase and frequency are
compared against that of the selected input reference sig-
nal Any phase error between these signals results in a cor-
rection of the voltage into the Voltage Controlled Oscillator
(VCO) which is proportional to the amount of phase error
The correction voltage tends to drive the frequency of the
VCO in the direction which when divided down minimizes
the LBC to reference signal phase difference When the
phase transition of the LBC occurs before that of the refer-
ence input the VCO frequency is sensed as being too fast
and produces a negative going correction to the VCO input
This in turn slows down the VCO’s frequency and delays the
subsequent LBC phase transitions
The device’s differential 125 MHz ECL transmit clock and
differential 125 MHz ECL load strobe are used by the
PLAYER device to convert data from byte wide NRZ format
to serial NRZI format for fiber medium transmission A
125 MHz TTL local byte clock is provided for use by the
PLAYER and the BMAC devices Five phases of the local
byte clock are provided for use in large multi-board concen-
trator configurations to aid in cancelling out backplane de-
lays A 25 MHz Local Symbol Clock (LSC) is provided which
is in phase with the local byte clocks and has a 40% HIGH
and 60% LOW duty cycle
The device provides three user-selectable features The
REF SEL input provides the option to lock the device’s out-
puts to a crystal oscillator or to an external TTL signal (REF
IN) The REF IN signal is particularly useful in concentrators
where multiple boards need to be phase locked to a com-
mon reference signal The VCO SEL input provides the op-
tion to use the internally provided VCO or an external LC
voltage controlled oscillator Although the stability of the in-
ternal VCO should be adequate for most applications the
external VCO option provides the means of obtaining the
maximum possible oscillator Q The PHASE SEL input pin
provides the option of selecting whether the five phase LBC
outputs are phase offset 36 degrees or 72 degrees (8 ns or
16 ns)
The phase locked loop (PLL) elements with the exception
of the loop filter which consist of two capacitors and a resis-
tor are fully contained within the device The internal VCO
associated with the PLL has been implemented totally with-
in the device and requires no external LC oscillator tank
coils capacitors or varactors The external VCO option
does provide a means of using these conventional LC oscil-
lator techniques if desired
Connection Diagram
28-Pin PLCC Package
TLF10385 – 25
Order Number DP83241BV
See NS Package Number V28A
FIGURE 2-1 DP83241 Pinout
Block Diagram
TLF10385 – 3
FIGURE 2-2 DP83241 Block Diagram
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com