Electronic Components Datasheet Search
  English  ▼

X  

DP83241 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83241 Datasheet HTML 3Page - National Semiconductor (TI) DP83241 Datasheet HTML 4Page - National Semiconductor (TI) DP83241 Datasheet HTML 5Page - National Semiconductor (TI) DP83241 Datasheet HTML 6Page - National Semiconductor (TI) DP83241 Datasheet HTML 7Page - National Semiconductor (TI) DP83241 Datasheet HTML 8Page - National Semiconductor (TI) DP83241 Datasheet HTML 9Page - National Semiconductor (TI) DP83241 Datasheet HTML 10Page - National Semiconductor (TI) DP83241 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
40 Electrical Characteristics
41 ABSOLUTE MAXIMUM RATINGS
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
TTL Signals
Inputs
b
05V to a55V
Outputs
b
05V to a55V
ECL Signals
Output Current
b
50 mA
Supplies
EXTVCC to EXTGND
b
05V to a7V
DVCC to DGND
b
05V to a7V
AVCC to AGND
b
05V to a7V
ESD Protection
1500V
42 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VCC to GND
Power Supply
475
50
525
V
VIH
High Level Input Voltage
TTL
20
V
ECL
VCC b 1165
VCC b 0880
VIL
Low Level Input Voltage
TTL
08
V
ECL
VCC b 1810
VCC b 1475
IOH
High Level
TTL Outputs
b
04
mA
Output Current
(Note 1)
IOL
Low Level
TTL Outputs
80
mA
Output Current
(Note 1)
FVCO
VCO Frequency (INT or EXT)
250
MHz
FREF
Reference Input Frequency
125
MHz
TA
Operating Temperature
0
25
70
C
Note 1
TTL outputs include LBC1 LBC2 LBC3 LBC4 LBC5 and LSC
43 DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Units
VIC
Input Clamp Voltage
IIN e 18 mA
b
15
V
VOH
High Level
TTL Outputs IOH eb400 mAVCC b 2V
Output Voltage
ECL Outputs
VCC b 1025
VCC b 880
mV
50X Load to VCC b 2V
VOL
Low Level
TTL Outputs IOL e 8 mA
05
V
Output Voltage
ECL Outputs
VCC b 1810
VCC b 1620
mV
50X Load to VCC b 2V
II
Max High Level
TTL Inputs VIN e 7V
100
m
A
Input Current
IIH
High Level
TTL Inputs VIN e 27V
b
20
20
m
A
Input Current
IIL
Low Level
TTL Inputs VIN e 04V
b
20
20
m
A
Input Current
IFilter
Charge Pump Current
Source
b
07
a
07
mA
Sink
02
07
mA
TRI-STATE
b
250
250
nA
ICC
Supply Current
170
mA
Includes 60 mA due to external ECL termination of two differential signals
For 100k ECL output buffers output levels are specified as
VOH Max e VCC b 088V
VOL Max e VCC b 162V
Since the outputs are differential the average output level is VCC b 125V The test load per output is 50X at VCC b 2V The external load current through this
50X resistor is thus
I
Load e (VCC b 125) b (VCC b 2) 50 Amps
e
0015 Amps
e
15 mA
There are 2 pairs of differential ECL signals so the total ECL current is 60 mA
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com