Electronic Components Datasheet Search
  English  ▼

X  

DP83241 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83241 Datasheet HTML 6Page - National Semiconductor (TI) DP83241 Datasheet HTML 7Page - National Semiconductor (TI) DP83241 Datasheet HTML 8Page - National Semiconductor (TI) DP83241 Datasheet HTML 9Page - National Semiconductor (TI) DP83241 Datasheet HTML 10Page - National Semiconductor (TI) DP83241 Datasheet HTML 11Page - National Semiconductor (TI) DP83241 Datasheet HTML 12Page - National Semiconductor (TI) DP83241 Datasheet HTML 13Page - National Semiconductor (TI) DP83241 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Loop Filter Calculations
Several constants need to be known in order to determine
the loop filter components They are the loop divide ratio N
the phase detector gain Kp the VCO gain Ko the loop
bandwidth Wo and the phase margin w The constants Kp
and Ko for the DP83241 are fixed at 80 mArad and 08
GradV respectively N is equal to the VCO frequency divid-
ed by the reference frequency wo is recommended to be
less than 120th of the reference frequency (times 2q
rads) Having found all these constants the following equa-
tions are used to find the component values
For w e 57 phase margin
R1 e (11 N wo)(Kp Ko)
C1 e (3 Kp Ko)(N wo2)
C2 e (03 Kp Ko((N wo2)
For a phase margin other than 57
R1 e (Cosec w a 1) ((N wo 2 Kp Ko))
C1 e (Tan w) ((2 Kp Ko)(N wo2))
C2 e (Sec w b Tan w) ((Kp Ko (N wo2))
The component equations above are not meant to provide
optimal solutions for all implementations
Let us now design an example system with the following
characteristics
 125 MHz Crystal reference
 250 MHz VCO
Since the VCO is twenty times the frequency of the refer-
ence frequency we get N e 20 We will set wo to be 130th
of the reference frequency or 262 x 106 Rad
From these values we get
C1 e 1400 pF C2 e 140 pF and R1 e 900X
Let us now design an example system with the following
characteristics
 125 MHz Crystal reference
 250 MHz External VCO with a gain of 40 MRadV
We will set wo to be 178th of the reference frequency or
1 0x106 Rad
From these values we get
C1 e 470 pF C2 e 47 pF and R1 e 68 kX
TLF10385 – 27
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com