Electronic Components Datasheet Search
  English  ▼

X  

DP83241 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83241 Datasheet HTML 12Page - National Semiconductor (TI) DP83241 Datasheet HTML 13Page - National Semiconductor (TI) DP83241 Datasheet HTML 14Page - National Semiconductor (TI) DP83241 Datasheet HTML 15Page - National Semiconductor (TI) DP83241 Datasheet HTML 16Page - National Semiconductor (TI) DP83241 Datasheet HTML 17Page - National Semiconductor (TI) DP83241 Datasheet HTML 18Page - National Semiconductor (TI) DP83241 Datasheet HTML 19Page - National Semiconductor (TI) DP83241 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
50 Detailed Information (Continued)
53 LAYOUT RECOMMENDATIONS
 The part should be bypassed between the EXTVCC and
EXTGND as close to the chip as possible (preferably un-
der the chip using chip caps) The part should also be
bypassed between the DVCC and DGND as close to the
chip as possible
 The part should be bypassed between AVCC and AGND
as close to the chip as possible
 No TTL logic lines should pass through the external crys-
tal or filter circuitry areas to avoid the possibility of noise
due to crosstalk
 The filter circuitry should be connected to Ground on an
isolated branch off of the AGND pin
 The DVCC pin should be connected to VCC on an isolat-
ed branch off of the EXTVCC pin preferably being con-
nected through a ferrite bead or small inductor
 The AVCC pin should be connected to VCC on an isolat-
ed branch off of the DVCC pin preferably being connect-
ed through a ferrite bead or small inductor
 The external crystal circuitry should be connected to
Ground on an isolated branch off of the DGND pin
 The DGND pin should be connected to Ground off of an
isolated branch of the EXTGND pin connected through a
ferrite bead or small inductor
 The AGND pin should be connected to Ground off of an
isolated branch of the DGND pin connected through a
ferrite bead or small inductor
 If the part is being driven by an external reference the
XTL IN pin should be tied to either GND or VCC
 If using a multilayered board with dedicated VCC and
Ground planes ensure that the external crystal circuitry
has its own small isolated ground island that is connect-
ed to the AGND DGND and EXTGND pins as described
above
 See Figure 51 for component values
 For best performance tie the VCORST pin to AGND
This drawing was done with convenience in mind
TLF10385 – 15
Note
Pin 7 need not be hooked up
FIGURE 5-10 Recommended Layout
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com