Electronic Components Datasheet Search
  English  ▼

X  

GS9021 Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9021 Datasheet HTML 4Page - Gennum Corporation GS9021 Datasheet HTML 5Page - Gennum Corporation GS9021 Datasheet HTML 6Page - Gennum Corporation GS9021 Datasheet HTML 7Page - Gennum Corporation GS9021 Datasheet HTML 8Page - Gennum Corporation GS9021 Datasheet HTML 9Page - Gennum Corporation GS9021 Datasheet HTML 10Page - Gennum Corporation GS9021 Datasheet HTML 11Page - Gennum Corporation GS9021 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
521 - 65 - 05
8
The SWITCHFLYW control signal is used in applications
where the data input to the GS9021 is switched between
two synchronous signals. In this case, the two signals may
be slightly misaligned and would normally require the
flywheel to completely re-synchronize. In this scenario, the
re-synchronization time would be undesirable. Asserting the
SWITCHFLYW bit of the HOSTIF write table HIGH allows the
flywheel to re-synchronize to the new incoming signal at the
end of the switching line. For this functionality to operate
properly, the two signals must both be in the active picture
portion of the switching line at the time of the switch.
2.2 Accurate FVH Timing Signals
The F[2:0] signals indicate the current field of the video
data. Three F bits are necessary to accommodate the
composite PAL standard which has 8 fields. For component
standards only F0 is used to represent F = 0 or F = 1. The
F[2:0] bits are available on dedicated output pins and via
the HOSTIF read table. Figure 4a and 4b illustrate the
position of the F[2:0] transition within a line for component
and composite signals, respectively. The lines on which the
transitions occur conform to the SMPTE standards.
For component signals, the horizontal (H) signal is HIGH
during the horizontal blanking region of the output signal,
from EAV to SAV inclusive. For composite signals, the H
signal remains HIGH only for the 3FF, 000, 000, 000, and
TRSID words. Figure 4a and 4b illustrate the H output signal
timing for component and composite signals, respectively.
The vertical (V) signal timing is dependent on the incoming
video standard and the VBLANKS/L control signal. The
VBLANKS/L signal is available as an input pin and via the
HOSTIF write table and should be set to indicate the form of
the incoming data stream. This allows the flywheel to
correctly structure the V bit for flywheel synchronization,
TRS insertion, and TRS error indication.
For component based standards, the transition of the V
output signal within a line is shown in Figure 4a. The line on
which the V output signal transitions from HIGH to LOW is
summarized in the following table.
The lines on which the LOW to HIGH transition occurs
conform to the SMPTE standards.
For composite based standards, the V output signal is
asserted HIGH as described in the table below:
2.3 TRS Errors
The flywheel is also used to indicate TRS errors. These
errors are detected by comparing the TRS in the incoming
data stream with the expected TRS based on the internal
flywheel.
PIN
LOGIC OPR
HOST BIT
F[2:0]
F[2:0]
V
H
VBLANKS/L
AND
VBLANKS/L
STANDARD
VBLANKS/L=1
VBLANKS/L=0
NTSC 4:2:2 Component
(13.5MHz Y sampling)
9/272
19/282
NTSC 4:2:2 16x9 Widescreen
(18MHz Y sampling)
9/272
19/282
NTSC 4:4:4:4 Single Link
(13.5MHz Y sampling)
9/272
19/282
PAL 4:2:2 Component
(13.5MHz Y sampling)
22/335
22/335
PAL 4:2:2 16x9 Widescreen
(18MHz Y sampling)
22/335
22/335
PAL 4:4:4:4 Single Link
(13.5MHz Y sampling)
22/335
22/335
VBLANKS/L=1
VBLANKS/L=0
NTSC
Composite
from Line 525/ Sample
768 to Line 9/ Sample
767 inclusive
AND
from Line 263/ Sample
313 to Line 272/
Sample 767 inclusive
from Line 525/ Sample
768 to Line 19/ Sample
767 inclusive
AND
from Line 263/ Sample
313 to Line 282/
Sample 767 inclusive
VBLANKS/L=1
VBLANKS/L=0
PAL
Composite
from Line 623/ Sample
382 to Line 5/ Sample
947 inclusive
AND
from Line 310/ Sample
948 to Line 317/
Sample 947 inclusive
from Line 623/ Sample
382 to Line 15/ Sample
947 inclusive
AND
from Line 310/ Sample
948 to Line 327/
Sample 947 inclusive
PIN
LOGIC OPR
HOST BIT
TRS_ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com