Electronic Components Datasheet Search
  English  ▼

X  

GS9021 Datasheet(PDF) 24 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 24 Page - Gennum Corporation

Back Button GS9021 Datasheet HTML 18Page - Gennum Corporation GS9021 Datasheet HTML 19Page - Gennum Corporation GS9021 Datasheet HTML 20Page - Gennum Corporation GS9021 Datasheet HTML 21Page - Gennum Corporation GS9021 Datasheet HTML 22Page - Gennum Corporation GS9021 Datasheet HTML 23Page - Gennum Corporation GS9021 Datasheet HTML 24Page - Gennum Corporation GS9021 Datasheet HTML 25Page - Gennum Corporation GS9021 Datasheet HTML 26Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
521 - 65 - 05
24
Fig. 9 Host Interface Read/Write Timing
Fig. 10a Reset Circuitry
Fig. 10b Acceptable external reset circuit when a master reset is not available
VALID TIME TO READ/WRITE
EDH INFORMATION TO/FROM GS9021
FIELD 0
FIELD 1
FIELD 2
DIN[9:0]
2 LINES
DOUT[9:0]
E
D
H
F0
E
D
H
F1
E
D
H
F0
E
D
H
F1
t0
INTERNAL
POWER on
RESET CELL
INTERNAL
RESET
SIGNAL
tMAX = 25µs
tRESET
RESET
PIN
Manual
Reset
Switch
(Optional)
RESET
VDD
0V
0V
5V
5V
VDD
RESET
~1.4 mS
t
t
2k
1uF
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com