Electronic Components Datasheet Search
  English  ▼

X  

GS9021 Datasheet(PDF) 14 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 14 Page - Gennum Corporation

Back Button GS9021 Datasheet HTML 10Page - Gennum Corporation GS9021 Datasheet HTML 11Page - Gennum Corporation GS9021 Datasheet HTML 12Page - Gennum Corporation GS9021 Datasheet HTML 13Page - Gennum Corporation GS9021 Datasheet HTML 14Page - Gennum Corporation GS9021 Datasheet HTML 15Page - Gennum Corporation GS9021 Datasheet HTML 16Page - Gennum Corporation GS9021 Datasheet HTML 17Page - Gennum Corporation GS9021 Datasheet HTML 18Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
521 - 65 - 05
14
3.11 Bypass EDH Processing
EDH processing can be bypassed by asserting the
BYPASS_EDH pin or HOSTIF write table bit HIGH. When
bypassed, EDH packets pass through the chip unaltered.
Overwriting information in the EDH packet via the HOSTIF
write table or the FLAG PORT has no effect. Data
processing in the chip (as described below) can still occur
even if BYPASS_EDH is asserted. In this case, valid
incoming error flags can be read via the I²C or parallel port
interface. However, reading outgoing error flags via the host
port or the flag port returns values of 0.
4. DATA PROCESSING BLOCK
The GS9021 contains advanced data processing features
that can simplify system design requirements. These
include:
•
TRS Blanking,
•
ITU-R-601 Clipping
•
Data Blanking,
•
TRS Insertion, and
•
ANC Header updating
It is important to note that these processing functions occur
in the GS9021 in the order listed above.
When implementing applications which use the EDH core
(ie. BYPASS_EDH set LOW), TRS blanking, data blanking,
and TRS insertion will indicate a downstream FF/AP EDH
error when a 3FCH-3FFH input data value is blanked out or
overwritten to a value less than 3FBH. As such, users may
wish to disable data blanking, TRS blanking and TRS
insertion by setting the BLANK_EN pin HIGH, the CLIP_TRS
pin LOW, and leaving the corresponding host interface bits
at their power-on default values.
4.1 TRS Blanking
When asserted HIGH, TRS_BLANK (HOSTIF write table) will
blank out any incorrectly positioned TRS words with respect
to
the
flywheel.
The
blanking
values
used
will
be
appropriate for the detected video standard as described
below in the Data Blanking section. When TRS_INSERT is
enabled and TRS_BLANK is not, there may be 4 TRSs per
line in the outgoing data stream during a standard switch.
Similarly, if TRS_BLANK is enabled and TRS_INSERT is not,
then there may be 0 TRS per line during a switch. In most
applications, these features should be either both enabled
or both disabled to maintain only two TRSs per line. TRS
blanking will function incorrectly if the flywheel is disabled.
Thus if the flywheel is disabled the TRS_BLANK function
should be disabled as well.
4.2 ITU-R-601 Clipping
This feature operates on the active picture portion (as
defined in RP165) of the data stream only. When the
601_CLIP bit of the HOSTIF write table is asserted HIGH,
the device remaps all reserved data words in the active
picture to values compliant with ITU-R-601. That is, 000-003
is clipped to 004 and 3FCH -3FFH is clipped to 3FBH.
4.3 Data Blanking
Asserting the BLANK_EN pin or the corresponding HOSTIF
write table bit LOW causes the corresponding input data to
be forced to blanking levels. This is a dynamic control
allowing the user to individually select which data words are
to be blanked as shown in Figure 7. TRS and EDH insertion
occurs after data blanking so if all these features are being
used, the output data stream continues to have TRS words
and EDH packets present, even if the BLANK_EN is
constantly held LOW.
The outgoing EDH packet will contain the correct CRC
values for the blanked fields since the CRC values are
calculated and inserted just prior to the data exiting the
device.
The blanking values in hexi-decimal notation for each
standard are as follows:
PIN
LOGIC OPR
HOST BIT
BYPASS_EDH
OR
BYPASS_EDH
PIN
LOGIC OPR
HOST BIT
TRS_BLANK
PIN
LOGIC OPR
HOST BIT
601_CLIP
PIN
LOGIC OPR
HOST BIT
BLANK_EN
AND
BLANK_EN
NTSC/PAL 4:2:2
200 040 200 040 (CB:Y:CR:Y)
NTSC 4ƒsc
0F0
PAL 4ƒsc
100
NTSC/PAL 4:4:4:4
040 040 040 040 (B:G:R:A)
200 040 200 040 (CB:Y:CR:A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com