Electronic Components Datasheet Search
  English  ▼

X  

GS9021 Datasheet(PDF) 26 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 26 Page - Gennum Corporation

Back Button GS9021 Datasheet HTML 18Page - Gennum Corporation GS9021 Datasheet HTML 19Page - Gennum Corporation GS9021 Datasheet HTML 20Page - Gennum Corporation GS9021 Datasheet HTML 21Page - Gennum Corporation GS9021 Datasheet HTML 22Page - Gennum Corporation GS9021 Datasheet HTML 23Page - Gennum Corporation GS9021 Datasheet HTML 24Page - Gennum Corporation GS9021 Datasheet HTML 25Page - Gennum Corporation GS9021 Datasheet HTML 26Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
521 - 65 - 05
26
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax. +1 (905) 632-5946
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku
Tokyo 168-0081, Japan
Tel. +81 (03) 3334-7700 Fax. +81 (03) 3247-8839
GENNUM UK LIMITED
25 Long Garden Walk, Farnham, Surrey, England GU9 7HX
Tel. +44 (0)1252 747 000 Fax +44 (0)1252 726 523
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright November 1997 Gennum Corporation. All rights reserved. Printed in Canada.
PACKAGE DIMENSIONS
64
1
16.00 BSC
16.00 BSC
14.00 BSC
14.00 BSC
1.60 MAX
1.40 ±0.05
0.80 BSC
0.37 ±0.08
1.0
REF
0.08/0.20 RADIUS
0.08 MIN
RADIUS
0.60
±0.15
0.20 MIN
12 ±1
12 ±1
7 MAX
0 MIN
All dimensions in millimetres
64 pin LQFP
REVISION NOTES:
Changes to Ancillary Checksum Verification, Data Processing Block, I²C
Serial Interface, and Reset descriptions. (Added Figure 10b)
Updated AC Output Setup Time.
Moved from Preliminary Data Sheet to Data Sheet
DOCUMENT IDENTIFICATION
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in order to
provide the best product possible.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com