Electronic Components Datasheet Search
  English  ▼

X  

AF3028 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF3028
Description  Scotch-WeldTM Structural Core SpliceAdhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3028 Datasheet(HTML) 4 Page - 3M Electronics

  AF3028 Datasheet HTML 1Page - 3M Electronics AF3028 Datasheet HTML 2Page - 3M Electronics AF3028 Datasheet HTML 3Page - 3M Electronics AF3028 Datasheet HTML 4Page - 3M Electronics AF3028 Datasheet HTML 5Page - 3M Electronics AF3028 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Scotch-WeldTM
Structural Core Splice Adhesives
AF 3028 • AF 3028 FR
- 4 -
Product Performance
(continued)
7. Flexural Shear Strength:
Flexural shear strength of AF 3028 was determined by using a 3" x 8" beam flexure
specimen with a splice made with AF 3028 located 2" from one end of the flexure
specimen as shown below:
Adherends: 2024T-3 alclad aluminum, .063" thick.
Surface Preparation: FPL etch.
Face Sheet Adhesive: 3M™ Scotch-Weld™ Adhesive Film 163-2K 0.6 lb/ft2.
Honeycomb Core: 8.1, 1/8" cell-1/2" thick – 5052 alloy – 2 mil foil – nonperforated.
Core Splice: 2" in from one end of specimen. Spliced with one layer of AF 3028.
Cure Cycle: 250°F (121°C) for 60 minutes, 40 psi pressure (rise rate shown below).
Test: 3" x 8" specimens tested for flexural shear strength using double point loading at
.02"/minute. (Reference ASTM C-393).
Test Procedure:
Core shear strength determined according to ASTM-C-393 using the following conditions:
Load Pad: Double point loading.
Load Rate: 0.02"/minute.
Span: 6 inches.
Core Shear =
P
Where: P = Load at failure
t = specimens thickness
(psi)
b (t + tc) Where: b = beam width
tc = core thickness
Test Results:
Flexural Shear
Test Temperature
1-2°F rise rate/minute
7-8°F rise rate/minute
psi
MPa
psi
MPa
75°F (24°C)
815
(5.6)
857
(5.9)
220°F (104°C)
580
(4.0)
536
(3.7)
8. Flammability
A 0.120" thick by 1" wide cured specimen of AF 3028 FR was held in a vertical
position for 15 seconds, 3/4" above a burner which had a 1.5 inch high flame
(3M AdhD Test Method C-519). The flame in the specimen extinguished in an
average of 4 seconds upon removal of the burner.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com